Electronic Components Datasheet Search
  English  ▼

X  

LTC5593 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC5593
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5593 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC5593 Datasheet HTML 12Page - Linear Technology LTC5593 Datasheet HTML 13Page - Linear Technology LTC5593 Datasheet HTML 14Page - Linear Technology LTC5593 Datasheet HTML 15Page - Linear Technology LTC5593 Datasheet HTML 16Page - Linear Technology LTC5593 Datasheet HTML 17Page - Linear Technology LTC5593 Datasheet HTML 18Page - Linear Technology LTC5593 Datasheet HTML 19Page - Linear Technology LTC5593 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC5592
20
5592f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2011
LT 0911 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Downconverting Mixer with 470MHz IF
PART
NUMBER
DESCRIPTION
COMMENTS
Infrastructure
LTC5569
300MHz to 4GHz, 3.3V Dual Active
Downconverting Mixer
2dB Gain, 26.7dBm IIP3 and 11.7dB NF at 1950MHz, 3.3V/180mA Supply
LT5557
400MHz to 3.8GHz, 3.3V Downconverting Mixer
2.9dB Gain, 24.7dBm IIP3 and 11.7dB NF at 1950MHz, 3.3V/82mA Supply
LTC6416
2GHz 16-Bit ADC Buffer
40.25dBm OIP3 to 300MHz, Programmable Fast Recovery Output Clamping
LTC6412
31dB Linear Analog VGA
35dBm OIP3 at 240MHz, Continuous Gain Range –14dB to 17dB
LTC554X
600MHz to 4GHz Downconverting Mixer Family
8dB Gain, >25dBm IIP3, 10dB NF, 3.3V/200mA Supply
LT5554
Ultralow Distort IF Digital VGA
48dBm OIP3 at 200MHz, 2dB to 18dB Gain Range, 0.125dB Gain Steps
LT5578
400MHz to 2.7GHz Upconverting Mixer
27dBm OIP3 at 900MHz, 24.2dBm at 1.95GHz, Integrated RF Transformer
LT5579
1.5GHz to 3.8GHz Upconverting Mixer
27.3dBm OIP3 at 2.14GHz, NF = 9.9dB, 3.3V Supply, Single-Ended LO and RF Ports
RF Power Detectors
LTC5581
6GHz Low Power RMS Detector
40dB Dynamic Range, ±1dB Accuracy Over Temperature, 1.5mA Supply Current
LTC5582
10GHz RMS Power Detector
40MHz to 10GHz, Up to 57dB Dynamic Range, ±0.5dB Accuracy Over Temperature
LTC5583
Dual 6GHz RMS Power Detector
40MHz to 6GHz, Up to 60dB Dynamic Range, >40dB Channel-to-Channel Isolation
ADCs
LTC2285
14-Bit, 125Msps Dual ADC
72.4dB SNR, >88dB SFDR, 790mW Power Consumption
LTC2185
16-Bit, 125Msps Dual ADC Ultralow Power
74.8dB SNR, 185mW/Channel Power Consumption
LTC2242-12
12-Bit, 250Msps ADC
65.4dB SNR, 78dB SFDR, 740mW Power Consumption
Conversion Gain, NF and IIP3
vs RF Frequency
RF FREQUENCY (MHz)
2100
6
7
8
9
11
12
13
14
2200
2400
5592 TA02b
10
2300
2500
2600
2700
23
25
27
29
24
26
28
22
21
TA = 25°C
IF = 470MHz
LOW SIDE LO
NF
IIP3
GC
4:1
TC4-1W-17LN+
IFA
50Ω
82nH
82nH
22pF
1nF
1μF
22pF
1μF
LTC5592
CHANNEL A
CHANNEL B NOT SHOWN
1
19
20
21
22
23
24
LO
50Ω
17
18
16
15
2.2pF
4
3
RFA
50Ω
VCCIF
3.3V
VCC
3.3V
TO
CHANNEL B
TO
CHANNEL B
22pF
2
IFGNDA
GND
IFA+
IFA– IFBA
LO
GND
ISEL
ENA
VCCA
RFA
CTA
GND
GND
5590 TA02
ISEL
ENA
4.7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com