Electronic Components Datasheet Search
  English  ▼

X  

MICRF505YML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF505YML
Description  850MHz and 950MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505YML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF505YML Datasheet HTML 4Page - Micrel Semiconductor MICRF505YML Datasheet HTML 5Page - Micrel Semiconductor MICRF505YML Datasheet HTML 6Page - Micrel Semiconductor MICRF505YML Datasheet HTML 7Page - Micrel Semiconductor MICRF505YML Datasheet HTML 8Page - Micrel Semiconductor MICRF505YML Datasheet HTML 9Page - Micrel Semiconductor MICRF505YML Datasheet HTML 10Page - Micrel Semiconductor MICRF505YML Datasheet HTML 11Page - Micrel Semiconductor MICRF505YML Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Micrel
MICRF505BML/YML
October 2006
8
M9999-103106
+1 408-944-0800
Symbol
Parameter
Condition
Min
Typ
Max
Units
<1GHz, EN 300 220
-57
dBm
Spurious Emission
(5)
>1GHz, EN 300 220
-47
dBm
Input Impedance
(5)
50
Ω
RSSI Dynamic Range
50
dB
RSSI Output Range
Pin = -110dBm
0.9
V
Pin = -60dBm
2
V
Digital
Inputs/
Output
s
VIH
Logic Input High
0.7VDD
VDD
V
VIL
Logic Input Low
0
0.3VDD
V
Clock/Data Frequency
(5)
10
MHz
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4.
Specification for packaged product only.
5.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com