Electronic Components Datasheet Search
  English  ▼

X  

MICRF505YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF505YML
Description  850MHz and 950MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF505YML Datasheet HTML 1Page - Micrel Semiconductor MICRF505YML Datasheet HTML 2Page - Micrel Semiconductor MICRF505YML Datasheet HTML 3Page - Micrel Semiconductor MICRF505YML Datasheet HTML 4Page - Micrel Semiconductor MICRF505YML Datasheet HTML 5Page - Micrel Semiconductor MICRF505YML Datasheet HTML 6Page - Micrel Semiconductor MICRF505YML Datasheet HTML 7Page - Micrel Semiconductor MICRF505YML Datasheet HTML 8Page - Micrel Semiconductor MICRF505YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
MICRF505
850MHz and 950MHz ISM Band
Transceiver
October 2006
1
M9999-103106
+1 408-944-0800
General Description
The MICRF505 is a true single-chip, frequency shift
keying (FSK) transceiver intended for use in half-
duplex, bidirectional RF links. The multi-channeled
FSK transceiver is intended for UHF radio
equipment in compliance with the North American
Federal Communications Commission (FCC) part
15.247 and the European Telecommunication
Standard Institute (ETSI) specification, EN300 220.
The transmitter consists of a PLL frequency
synthesizer and power amplifier. The frequency
synthesizer consists of a voltage-controlled oscillator
(VCO), a crystal oscillator, dual modulus prescaler,
programmable frequency dividers, and a phase-
detector. The loop-filter is external for flexibility and
can be a simple passive circuit. The output power of
the power amplifier can be programmed to seven
levels. A lock-detect circuit detects when the PLL is
in lock. In receive mode, the PLL synthesizer
generates the local oscillator (LO) signal. The N, M,
and A values that give the LO frequency are stored
in the N0, M0, and A0 registers.
The receiver is a zero intermediate frequency (IF)
type which makes channel filtering possible with low-
power, integrated low-pass filters. The receiver
consists of a low noise amplifier (LNA) that drives a
quadrature mix pair. The mixer outputs feed two
identical signal channels in phase quadrature. Each
channel includes a pre-amplifier, a third order
Sallen-Key RC low-pass filter that protects the
following
switched-capacitor
filter
from
strong
adjacent channel signals, and a limiter. The main
channel filter is a switched-capacitor implementation
of a six-pole elliptic low pass filter. The cut-off
frequency of the Sallen-Key RC filter can be
programmed to four different frequencies: 100kHz,
150kHz, 230kHz, and 340kHz. The I and Q channel
outputs are demodulated and produce a digital data
output. The demodulator detects the relative phase
of the I and the Q channel signal. If the I channel
signal lags behind the Q channel, the FSK tone
frequency is above the LO frequency (data '1'). If the
I channel leads the Q channel, the FSK tone is
below the LO frequency (data '0'). The output of the
receiver is available on the DataIXO pin. A receive
signal strength indicator (RSSI) circuit indicates the
received signal level. All support documentation can
be found on Micrel’s web site at www.micrel.com.
RadioWire®
Features
• True single chip transceiver
• Digital bit synchronizer
• Received signal strength indicator (RSSI)
• RX and TX power management
• Power down function
• Reference crystal tuning capabilities
• Frequency error estimator
• Baseband shaping
• Three-wire programmable serial interface
• Register read back function
Applications
• Telemetry
• Remote metering
• Wireless controller
• Remote data repeater
• Remote control systems
• Wireless modem
• Wireless security system


Similar Part No. - MICRF505YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
868MHz and 915MHz ISM Band Transceiver
MICRF505BML MICREL-MICRF505BML Datasheet
261Kb / 27P
868MHz and 915MHz ISM Band Transceiver
MICRF505L MICREL-MICRF505L Datasheet
484Kb / 43P
850MHz and 950MHz ISM Band Transceiver
MICRF505LYML MICREL-MICRF505LYML Datasheet
484Kb / 43P
850MHz and 950MHz ISM Band Transceiver
More results

Similar Description - MICRF505YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF506 MICREL-MICRF506 Datasheet
1Mb / 28P
410MHz and 450MHz ISM Band Transceiver
logo
List of Unclassifed Man...
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
Universal ISM Band FSK Transceiver
logo
Micrel Semiconductor
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
868MHz and 915MHz ISM Band Transceiver
MICRF620_0608 MICREL-MICRF620_0608 Datasheet
714Kb / 21P
434MHz ISM Band Transceiver Module
MICRF506 MICREL-MICRF506_06 Datasheet
1Mb / 42P
410MHz and 450MHz ISM Band Transceiver
MICRF505L MICREL-MICRF505L Datasheet
484Kb / 43P
850MHz and 950MHz ISM Band Transceiver
MICRF620Z MICREL-MICRF620Z Datasheet
714Kb / 21P
434MHz ISM Band Transceiver Module
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
Universal ISM Band FSK Transceiver
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
ISM Band Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com