Electronic Components Datasheet Search
  English  ▼

X  

MICRF220 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF220
Description  300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF220 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF220 Datasheet HTML 7Page - Micrel Semiconductor MICRF220 Datasheet HTML 8Page - Micrel Semiconductor MICRF220 Datasheet HTML 9Page - Micrel Semiconductor MICRF220 Datasheet HTML 10Page - Micrel Semiconductor MICRF220 Datasheet HTML 11Page - Micrel Semiconductor MICRF220 Datasheet HTML 12Page - Micrel Semiconductor MICRF220 Datasheet HTML 13Page - Micrel Semiconductor MICRF220 Datasheet HTML 14Page - Micrel Semiconductor MICRF220 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Micrel, Inc.
MICRF220
August 2010
11
M9999-082610-A
V BIAS
RO2
R
RO1
C
C
Figure 5. Reference Oscillator Circuit
Reference oscillator crystal frequency can be calculated
according to Equation 3. For example, if fRF = 433.92MHz,
fREF = 13.52313MHz. Table 4 lists the values of reference
frequencies at different popular RF frequencies.
To
operate the MICRF220 with minimum offset, use proper
loading
capacitance
recommended
by
the
crystal
manufacturer.
RF Input Frequency (MHz)
Reference Frequency (MHz)
315.0
9.81713*
390.0
12.15446
418.0
13.02708
433.92
13.52313*
*Empirically derived, slightly different from Equation 3.
Table 4. Reference Frequency Examples
Squelch Operation
When squelch function is enabled by tying the SQ pin low,
the chip will monitor incoming pulse width before allowing
activity on DO pin. The pulse width is set by SEL1 and
SEL0 pins as shown in Table 5, and is inversely
proportional to frequency. When there is no input signal
and squelch is not enabled (SQ pin left floating), voltage on
DO chatters due to random noise as shown in Figure 6. If
SQ pin is tied low, the activity on DO pin is much reduced
as shown in Figure 7.
Figure 6. Data Out Pin with No Squelch (VSQ = VDD)
When squelch function is enabled by tying the SQ pin low,
the chip will monitor incoming pulse width before allowing
activity on DO pin. The pulse width is set by SEL1 and
SEL0 pins as shown in Table 5, and is inversely
proportional to frequency. When there is no input signal
and squelch is not enabled (SQ pin left floating), voltage on
DO chatters due to random noise as shown in Figure 6. If
SQ pin is tied low, the activity on DO pin is much reduced
as shown in Figure 7.
Figure 7. Data Out Pin with Squelch (VSQ = 0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com