Electronic Components Datasheet Search
  English  ▼

X  

MICRF220 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MICRF220
Description  300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF220 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MICRF220 Datasheet HTML 10Page - Micrel Semiconductor MICRF220 Datasheet HTML 11Page - Micrel Semiconductor MICRF220 Datasheet HTML 12Page - Micrel Semiconductor MICRF220 Datasheet HTML 13Page - Micrel Semiconductor MICRF220 Datasheet HTML 14Page - Micrel Semiconductor MICRF220 Datasheet HTML 15Page - Micrel Semiconductor MICRF220 Datasheet HTML 16Page - Micrel Semiconductor MICRF220 Datasheet HTML 17Page - Micrel Semiconductor MICRF220 Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Micrel, Inc.
MICRF220
August 2010
17
M9999-082610-A
MICRF220 Evaluation Board (315MHz) Bill of Materials
Item
Part Number
Manufacturer
Description
C3
GRM1885C1H1R5CZ01
Murata
(1)
1.5pF 100V,
±0.25pF, 0603
C4
GRM21BR60J475KE01L
Murata
(1)
4.7μF 6.3V, 0805
C5, C6
GRM188R71E104KA01D
Murata
(1)
0.1μF 25V, 0603
C7, C12, JP3
NP
C9
GRM1885C1H1R2CZ01
Murata
(1)
1.2pF, 100V,
±0.25pF, 0603
C10, C11
GRM1885C1H100JA01D
Murata
(1)
10pF 50V, 0603
J2
NP, SMA, Edge Conn.
J3
571-41031480
Mouser
(2)
AMPMODU Breakaway Headers 40 P(6pos) R/A HEADER
GOLD
JP1, JP2
CRCW04020000Z
Vishay
(3)
0Ω, 0402
L2, L3
LQG18HN68NJ00
Murata
(1)
68nH,
±5%, 0603
R3
CRCW0402100KFKEA
100kΩ, 0402
R4
NP
Y1
ABLS-9.81713MHz-10J4Y
Abracon
(4)
9.81713MHz, HC49/US
Y2
DSX321GK-9.81713MHz
KDS
(5)
NP, (9.81713MHz,
−40°C to +105°C), DSX321GK
U1
MICRF220AYQS
Micrel, Inc.
(6)
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and
Squelch
Notes:
1.
Murata: www.murata.com.
2.
Mouser: www.mouser.com.
3.
Vishay: www.vishay.com.
4.
Abracon: www.abracon.com.
5.
KDS: www.kds.info/index_en.htm.
6.
Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com