Electronic Components Datasheet Search
  English  ▼

X  

MICRF102 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF102
Description  QwikRadio??UHF ASK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF102 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF102 Datasheet HTML 1Page - Micrel Semiconductor MICRF102 Datasheet HTML 2Page - Micrel Semiconductor MICRF102 Datasheet HTML 3Page - Micrel Semiconductor MICRF102 Datasheet HTML 4Page - Micrel Semiconductor MICRF102 Datasheet HTML 5Page - Micrel Semiconductor MICRF102 Datasheet HTML 6Page - Micrel Semiconductor MICRF102 Datasheet HTML 7Page - Micrel Semiconductor MICRF102 Datasheet HTML 8Page - Micrel Semiconductor MICRF102 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
December 2006
5
MICRF102
MICRF102
Micrel
0
5
10
15
20
25
0
100 200 300 400 500 600
VPC (mV)
Mark Current vs.
PC Pin Voltage
-35
-30
-25
-20
-15
-10
-5
0
5
0
100 200 300 400 500 600
V
PC (mV)
Output Power vs.
PC Pin Voltage
Typical Characteristics
RF Output Callibration Time
Figure 2. RF Out CAL Time Example (45ms)
Ch 1 - ASK Pin, 1ms Period
Ch 2 RF Field
Figure 3. RF Out CAL Time Example from Standby
cycle (15ms)
Ch 1 - ASK Pin, 1ms Period
Ch 2 RF Field
Figure 4. RF Out after shut down cycle example (11ms)
Ch 1 - ASK pin, 1ms period
Ch 2 RF Field, ch 4 - Standby Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com