Electronic Components Datasheet Search
  English  ▼

X  

MICRF102 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF102
Description  QwikRadio??UHF ASK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF102 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF102 Datasheet HTML 1Page - Micrel Semiconductor MICRF102 Datasheet HTML 2Page - Micrel Semiconductor MICRF102 Datasheet HTML 3Page - Micrel Semiconductor MICRF102 Datasheet HTML 4Page - Micrel Semiconductor MICRF102 Datasheet HTML 5Page - Micrel Semiconductor MICRF102 Datasheet HTML 6Page - Micrel Semiconductor MICRF102 Datasheet HTML 7Page - Micrel Semiconductor MICRF102 Datasheet HTML 8Page - Micrel Semiconductor MICRF102 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MICRF102
Micrel
MICRF102
4
December 2006
Parameter
Condition
Min
Typ
Max
Unit
Digital / Control Section
Calibration Time
Note 9
, ASK data rate 20kbps
25
ms
Power Amplifier Output Hold Off
Note 10
, STDBY transition from LOW to HIGH
6
ms
Time from STBY
Crystal, ESR < 20Ω
Transmitter Stabilization Time
From External Reference (500mVpp)
10
ms
from STBY
Crystal, ESR < 20Ω
19
ms
Maximum Data Rate
– ASK modulation
Duty cycle of the modulating signal = 50%
20
kbits/s
VSTBY
Enable voltage
0.75V
DD 0.6V
DD
V
STBY Sink Current
ISTBY = VDD
5
6.5
µA
ASK pin
VIH, input high voltage
0.8V
DD
V
VIL, input low voltage
0.2V
DD
V
ASK input current
ASK = 0V, 5.0V input current
–10
0.1
10
µA
Note 9.
When the device is first powered up or it loses power momentarily, it goes into the calibration mode to tune up the transmit antenna.
Note 10.
After the release of the STDBY, the device requires an initialization time to settle the REFOSC and the internal PLL. The first MARK state
(ASK HIGH) after exit from STDBY needs to be longer than the initialization time. After that, highs and lows in the ASK pin callibrates the
output RF stage. See Figures 2, 3, and 4.
PC
VDD
VSS
REFOSC
ASK
MICRF102
R2
6.8k
C1
0.1µF
16V
+5VSW
R1
100k
ANTP
ANTN
STBY
+5VTX
R3
100k
R5
0Ω
C3
12pF 50V
(2.7pF 50V)
C2
8.2pF 50V
(4.7pF 50V)
L1
pcbant
C5
4.7µF
6.3V
C6 (np)
4.7µF
6.3V
Y1
9.84375MHz
(13.560MHz)
C4
100pF
50V
R4
(np)
+5VSW
+5VTX
REFOSC
Data
Figure 1.
Frequency Antenna
Height
Azimuth
EMI Meter Duty Cycle Corrected
Corrected 15:231b Limit
Margin
(MHz)
Polarity (meters)
(0-360)
Reading
Correction
Reading
Reading
(dBµV/m)
(dB)
(dBµV/m)
(dB)
(dBµV/m)
(µV/m)
434.03
V
2.5
140
64.2
5.4
58.8
871.00
80.8
22
868.5
V
1
150
53.1
5.4
47.7
242.70
60.8
33.1
434.03
H
1
150
76.1
5.4
70.7
3427.80
80.8
10.1
868.5
H
1.5
295
60.1
5.4
54.7
543.30
60.8
26.1
1302
V
1
195
41.1
5.4
35.7
61.00
54
18.3
1736
V
1
280
51.3
5.4
45.9
197.20
60.8
14.9
1302
H
2.5
110
49.4
5.4
44
158.50
54
10
1736
H
1
113
44.5
5.4
39.2
91.20
60.8
21.6
Note. Higher order harmonics were found to be below the noise floor of the receiving system for testing.
Table 1. Transmitted Power Measurement with Transmitted Frequency 433.92MHz, FCC Limits and Compliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com