Electronic Components Datasheet Search
  English  ▼

X  

MIC69301 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC69301
Description  Single Supply VIN, Low VIN, Low VOUT, 3ALDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC69301 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC69301 Datasheet HTML 5Page - Micrel Semiconductor MIC69301 Datasheet HTML 6Page - Micrel Semiconductor MIC69301 Datasheet HTML 7Page - Micrel Semiconductor MIC69301 Datasheet HTML 8Page - Micrel Semiconductor MIC69301 Datasheet HTML 9Page - Micrel Semiconductor MIC69301 Datasheet HTML 10Page - Micrel Semiconductor MIC69301 Datasheet HTML 11Page - Micrel Semiconductor MIC69301 Datasheet HTML 12Page - Micrel Semiconductor MIC69301 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micrel, Inc.
MIC69301/2/3
March 2011
9
M9999-032111-F
Application Information
The MIC69301/2/3 is an ultra-high performance low
dropout linear regulator designed for high current
applications requiring a fast transient response. It utilizes
a single input supply and has a very low dropout voltage
perfect for low-voltage DC-to-DC conversion. The
MIC69301/2/3 requires a minimum number of external
components.
The MIC69301/2/3 regulator is fully protected from
damage due to fault conditions offering constant current
limiting and thermal shutdown.
Input Supply Voltage
VIN provides a high current to the collector of the pass
transistor. The minimum input voltage is 1.65V allowing
conversion from low voltage supplies.
Output Capacitor
The MIC69301/2/3 requires a minimum of output
capacitance to maintain stability. However, proper
capacitor selection is important to ensure desired
transient response. The MIC69301/2/3 is specifically
designed to be stable with low ESR ceramic chip
capacitors. A 10µF ceramic chip capacitor should satisfy
most applications. Output capacitance can be increased
without bound. See typical characteristics for examples
of load transient response.
X7R dielectric ceramic capacitors are recommended
because of their temperature performance. X7R-type
capacitors change capacitance by only 15% over their
operating temperature range and are the most stable
type of ceramic capacitors. Z5U and Y5V dielectric
capacitors change value by as much as 50% and 60%,
respectively over their operating temperature ranges. To
use a ceramic chip capacitor with Y5V dielectric the
value must be much higher than an X7R ceramic or a
tantalum capacitor to ensure the same capacitance
value over the operating temperature range. Tantalum
capacitors have a very stable dielectric (10% over their
operating temperature range) and can also be used with
this device.
Input Capacitor
An input capacitor of 1µF or greater is recommended
when the device is more than 4 inches away from the
bulk supply capacitance or when the supply is a battery.
Small, surface mount, ceramic chip capacitors can be
used for the bypassing. The capacitor should be placed
within 1 inch of the device for optimal performance.
Larger values will help to improve ripple rejection by
bypassing the input to the regulator further improving the
integrity of the output voltage.
Minimum Load Current
The MIC69301/2/3 regulator is specified between finite
loads. If the output current is too small, leakage currents
dominate and the output voltage rises. A 10mA minimum
load current is necessary for proper operation.
Adjustable Regulator Design
The MIC69302 and MIC69303 adjustable version allows
programming the output voltage anywhere between 0.5V
and 5.0V with two resistors. The resistor value between
VOUT and the adjust pin should not exceed 10kΩ. Larger
values can cause instability. The resistor values are
calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
1
R
R
0.5
V
2
1
OUT
where VOUT is the desired output voltage.
Enable
The fixed output voltage versions of the MIC69301
feature an active high enable input (EN) that allows on-
off control of the regulator. Current drain reduces to near
“zero” when the device is shutdown, with only
microamperes of leakage current. EN may be directly
tied to VIN and pulled up to the maximum supply voltage.
Thermal Design
Linear regulators are simple to use. The most
complicated design parameters to consider are thermal
characteristics. Thermal design requires the following
application-specific parameters:
• Maximum ambient temperature (TA)
• Output current (IOUT)
• Output voltage (VOUT)
• Input voltage (VIN)
• Ground current (IGND)
First, calculate the power dissipation of the regulator
from these numbers and the device parameters from this
data sheet.
PD = (VIN – VOUT) x IOUT + VIN x IGND
where the ground current is approximated by using
numbers from the “Electrical Characteristics” or “Typical
Characteristics” sections. The heat sink thermal
resistance is then determined with this formula:
θSA = ((TJ(max) – TA)/ PD) – (θJC + θCS)
Where TJ(max) ≤125°C and θCS is between 0°C and
2°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com