Electronic Components Datasheet Search
  English  ▼

X  

MIC69301 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC69301
Description  Single Supply VIN, Low VIN, Low VOUT, 3ALDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC69301 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC69301 Datasheet HTML 1Page - Micrel Semiconductor MIC69301 Datasheet HTML 2Page - Micrel Semiconductor MIC69301 Datasheet HTML 3Page - Micrel Semiconductor MIC69301 Datasheet HTML 4Page - Micrel Semiconductor MIC69301 Datasheet HTML 5Page - Micrel Semiconductor MIC69301 Datasheet HTML 6Page - Micrel Semiconductor MIC69301 Datasheet HTML 7Page - Micrel Semiconductor MIC69301 Datasheet HTML 8Page - Micrel Semiconductor MIC69301 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC69301/2/3
March 2011
3
M9999-032111-F
12-Pin 4mm x 4mm MLF
TM (ML)
(Adjustable Voltage with Flag)
Pin Description
Pin
Number
(Fixed)
SPAK-5
TO-263-5
Pin
Number
(Adjustable)
SPAK-5
TO-263-5
Pin
Number
(Fixed)
ePad
SOIC-8
Pin
Number
(Adjustable)
ePad
SOIC-8
Pin
Number
(Adjustable)
ePad
4mm x 4mm
MLF
TM
Pin
Name
Pin Function
1
1
2
2
3
EN
Enable (Input): CMOS compatible input. Logic
high = enable, logic low = shutdown. Do not
leave pin floating.
2
2
3,4
3,4
4, 5, 6
IN
Input voltage which supplies current to the
output power device.
3, TAB
3, TAB
1
1
1
GND
Ground (TAB is connected to ground on S-Pak
and TO-263).
4
4
5,6
5,6
7, 9
OUT
Regulator Output.
—
—
7
—
—
SNS
Output voltage sense. Connect to output
voltage.
—
5
—
7
11
ADJ
Adjustable regulator feedback input. Connect
to resistor voltage divider.
5
—
8
8
12
FLG
Error Flag (Output): Open collector output.
Active low indicates an output fault condition.
—
—
EP
EP
EP
EP
Exposed pad. Connect to GND.
—
—
—
—
2, 8, 10
NC
No Connect. Not internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com