Electronic Components Datasheet Search
  English  ▼

X  

MIC22705 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC22705
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22705 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC22705 Datasheet HTML 1Page - Micrel Semiconductor MIC22705 Datasheet HTML 2Page - Micrel Semiconductor MIC22705 Datasheet HTML 3Page - Micrel Semiconductor MIC22705 Datasheet HTML 4Page - Micrel Semiconductor MIC22705 Datasheet HTML 5Page - Micrel Semiconductor MIC22705 Datasheet HTML 6Page - Micrel Semiconductor MIC22705 Datasheet HTML 7Page - Micrel Semiconductor MIC22705 Datasheet HTML 8Page - Micrel Semiconductor MIC22705 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Micrel, Inc.
MIC22705
March 2011
5
M9999-033111-A
Electrical Characteristics
(4) (Continued)
VIN = PVIN = VEN/DLY = 3.3V, VOUT = 1.8V, TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Internal FETs
Top MOSFET RDS(ON)
VFB = 0.5V, ISW = 1A
30
mΩ
Bottom MOSFET RDS(ON)
VFB = 0.9V, ISW = -1A
25
mΩ
SW Leakage Current
PVIN = 5.5V, VSW = 5.5V, VEN = 0V
60
VIN Leakage Current
PVIN = 5.5V, VSW = 0V, VEN = 0V
25
µA
Power Good (PG)
PG Threshold
Threshold % of VFB from VREF
−7.5
−10
−12.5
%
Hysteresis
2.0
%
PG Output Low Voltage
IPG = 5mA (sinking), VEN/DLY = 0V
144
mV
PG Leakage Current
VPG = 5.5V; VFB = 0.9V
1.0
2.0
μA
Thermal Protection
Over-temperature Shutdown
TJ Rising
160
°C
Over-temperature Shutdown
Hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com