Electronic Components Datasheet Search
  English  ▼

X  

MIC22705 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC22705
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22705 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC22705 Datasheet HTML 5Page - Micrel Semiconductor MIC22705 Datasheet HTML 6Page - Micrel Semiconductor MIC22705 Datasheet HTML 7Page - Micrel Semiconductor MIC22705 Datasheet HTML 8Page - Micrel Semiconductor MIC22705 Datasheet HTML 9Page - Micrel Semiconductor MIC22705 Datasheet HTML 10Page - Micrel Semiconductor MIC22705 Datasheet HTML 11Page - Micrel Semiconductor MIC22705 Datasheet HTML 12Page - Micrel Semiconductor MIC22705 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Micrel, Inc.
MIC22705
March 2011
9
M9999-033111-A
Typical Characteristics (Continued)
Efficiency (VIN = 5.0V)
vs. Output Current
70
75
80
85
90
95
100
01234
56789
OUTPUT CURRENT (A)
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
VIN = 5.0V
IC Power Dissipation vs. Output
Current (VIN = 5V)
0
0.5
1
1.5
2
02
46
OUTPUT CURRENT (A)
VIN = 5V
VOUT = 0.8V, 1.0V, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V
Case Temperature* (VIN = 5.0V)
vs. Output Current
0
20
40
60
80
100
012
3
456
7
OUTPUT CURRENT (A)
VIN = 5V
VOUT = 1.8V
Die Temperature* :
The temperature measurement was taken at the hottest point on the MIC22705 case and mounted on a five-
square inch PCB (see Thermal Measurements section). Actual results will depend upon the size of the PCB, ambient temperature, and
proximity to other heat-emitting components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com