Electronic Components Datasheet Search
  English  ▼

X  

MIC5822YN Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5822YN
Description  8-Bit Serial-Input Latched Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5822YN Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5822YN Datasheet HTML 1Page - Micrel Semiconductor MIC5822YN Datasheet HTML 2Page - Micrel Semiconductor MIC5822YN Datasheet HTML 3Page - Micrel Semiconductor MIC5822YN Datasheet HTML 4Page - Micrel Semiconductor MIC5822YN Datasheet HTML 5Page - Micrel Semiconductor MIC5822YN Datasheet HTML 6Page - Micrel Semiconductor MIC5822YN Datasheet HTML 7Page - Micrel Semiconductor MIC5822YN Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 2005
1
MIC5821/5822
Micrel, Inc.
MIC5821/5822
MIC5821/5822
8-Bit Serial-Input Latched Drivers
Final Information
General Description
BiCMOS technology gives the MIC5821/5822 family flexibil-
ity beyond the reach of standard logic buffers and power
driver arrays. These devices each have an eight-bit CMOS
shift register, CMOS control circuitry, eight CMOS data
latches, and eight bipolar current-sink Darlington output
drivers. The 500mA outputs are suitable for use with incan-
descent bulbs and other moderate to high current loads. The
drivers can be operated with a split supply where the negative
supply is down to –20V. Except for maximum driver output
voltage ratings, the MIC5821 and MIC5822 are identical.
These devices have greatly improved data-input rates. With
a 5V logic supply they will typically operate faster than 5
MHz. With a 12V supply significantly higher speeds are
obtained. The CMOS inputs are compatible with standard
CMOS, PMOS, and NMOS logic levels. TTL and DTL circuits
may require the use of appropriate pull-up resistors. By using
the serial data output, the drivers can be cascaded for
interface applications requiring additional drive lines.
Features
•3.3 MHz Minimum Data-Input Rate
• CMOS, PMOS, NMOS, TTL Compatible
•Internal Pull-Down or Pull-Up Resistors
• Low-Power CMOS Logic and Latches
•High-Voltage Current-Sink Outputs
•Single or Split Supply Operation
8-BIT SERIAL-PARALLEL SHIFT REGISTER
5
SERIAL
DATA OUT
CLK
1
2
3
SERIAL
DATA IN
VSS
9
VDD
STROBE
OUTPUT ENABLE
(ACTIVE LOW)
Bipolar
MOS
LATCHES
OUT8
10
11
12
13
14
15
16
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
4
6
7
Sub
GND
VEE
8
Functional Diagram
Pin Configuration
1
2
3
4
5
6
7
12
11
10
9
VDD
1
OUT
2
OUT
3
OUT
4
OUT
CLOCK
SERIAL DATA OUT
SS
V
8
13
14
15
5
OUT
6
OUT
7
OUT
8
OUT
SERIAL DATA IN
STROBE
OUTPUT ENABLE
SUB
VEE
16
(Plastic DIP)
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Ordering Information
Part Number
Standard
Pb-Free
Temp Range
Package
MIC5821BN
MIC5821YN
–40°C to +85°C
16-Pin Plastic DIP
MIC5822BN
MIC5822YN
–40°C to +85°C
16-Pin Plastic DIP


Similar Part No. - MIC5822YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5822BN MICREL-MIC5822BN Datasheet
79Kb / 5P
8-Bit Serial-Input Latched Drivers
More results

Similar Description - MIC5822YN

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
logo
Micrel Semiconductor
MIC5821 MICREL-MIC5821 Datasheet
79Kb / 5P
8-Bit Serial-Input Latched Drivers
MIC5841 MICREL-MIC5841 Datasheet
162Kb / 7P
8-Bit Serial-Input Latched Drivers
logo
Allegro MicroSystems
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
A6841 ALLEGRO-A6841 Datasheet
248Kb / 10P
DABiC-5 8-Bit Serial Input Latched Sink Drivers
logo
Micrel Semiconductor
MIC5841 MICREL-MIC5841_06 Datasheet
163Kb / 8P
8-Bit Serial-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com