Electronic Components Datasheet Search
  English  ▼

X  

MIC5822YN Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5822YN
Description  8-Bit Serial-Input Latched Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5822YN Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5822YN Datasheet HTML 1Page - Micrel Semiconductor MIC5822YN Datasheet HTML 2Page - Micrel Semiconductor MIC5822YN Datasheet HTML 3Page - Micrel Semiconductor MIC5822YN Datasheet HTML 4Page - Micrel Semiconductor MIC5822YN Datasheet HTML 5Page - Micrel Semiconductor MIC5822YN Datasheet HTML 6Page - Micrel Semiconductor MIC5822YN Datasheet HTML 7Page - Micrel Semiconductor MIC5822YN Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
February 2005
3
MIC5821/5822
Micrel, Inc.
MIC5821/5822
Electrical Characteristics (Note 4) TA = –55°C, VDD = 5V, VSS = VEE = 0V (unless otherwise noted)
Limits
Characteristic
Symbol
Test Conditions
Min.
Max.
Unit
Output Leakage Current
ICEX
VOUT = 80V
50
µA
Collector-Emitter
VCE(SAT)
IOUT = 100mA
1.3
V
Saturation Voltage
IOUT = 200mA
1.5
IOUT = 350mA, VDD = 7.0V
1.8
Input Voltage
VIN0)
0.8
V
VIN(1)
VDD = 12V
10.5
VDD = 5.0V
3.5
Input Resistance
RIN
VDD = 12V
35
kΩ
VDD = 10V
35
VDD = 5.0V
35
Supply Current
IDD(ON)
One Driver ON, VDD = 12V
5.5
mA
One Driver ON, VDD = 10V
4.5
One Driver ON, VDD = 5.0V
3.0
All Drivers ON, VDD = 12V
16
All Drivers ON, VDD = 10V
14
All Drivers ON, VDD = 5.0V
10
IDD(OFF)
All Drivers OFF, VDD = 12V
3.5
All Drivers OFF, VDD = 5.0V
2.0
Electrical Characteristics (Note 4) at TA = 25°C VDD = 5V, VEE = VSS = 0V (unless otherwise specified)
Applicable
Limits
Characteristic
Symbol
Devices
Test Conditions
Min.
Max.
Unit
Output Leakage Current
ICEX
MIC5821
VOUT = 50V
50
µA
VOUT = 50V, TA = +70°C
100
MIC5822
VOUT = 80V
50
VOUT = 80V, TA = +70°C
100
Collector-Emitter
VCE(SAT)
Both
IOUT = 100mA
1.1
V
Saturation Voltage
IOUT = 200mA
1.3
IOUT = 350mA, VDD = 7.0V
1.6
Input Voltage
VIN(0)
Both
0.8
V
VIN(1)
Both
VDD = 12V
10.5
VDD = 10V
8.5
VDD = 5.0V
3.5
Input Resistance
RIN
Both
VDD = 12V
50
kΩ
VDD = 10V
50
VDD = 5.0V
50
Supply Current
IDD(ON)
Both
One Driver ON, VDD = 12V
4.5
mA
One Driver ON, VDD = 10V
3.9
One Driver ON, VDD = 5.0V
2.4
All Drivers ON, VDD = 12V
16
All Drivers ON, VDD = 10V
14
All Drivers ON, VDD = 5.0V
8
IDD(OFF)
Both
All Drivers OFF, VDD = 5.0V,
1.6
All Inputs = 0V
All Drivers OFF, VDD = 12V,
2.9
All Inputs= 0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com