Electronic Components Datasheet Search
  English  ▼

X  

MIC5315 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5315
Description  Low Voltage Dual 300mA LDO with Voltage Select
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5315 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5315 Datasheet HTML 1Page - Micrel Semiconductor MIC5315 Datasheet HTML 2Page - Micrel Semiconductor MIC5315 Datasheet HTML 3Page - Micrel Semiconductor MIC5315 Datasheet HTML 4Page - Micrel Semiconductor MIC5315 Datasheet HTML 5Page - Micrel Semiconductor MIC5315 Datasheet HTML 6Page - Micrel Semiconductor MIC5315 Datasheet HTML 7Page - Micrel Semiconductor MIC5315 Datasheet HTML 8Page - Micrel Semiconductor MIC5315 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC5315
July 2008
2
M9999-070208-A
Ordering Information
Part Number
Manufacturing
Part Number
Marking
(1)
VOUT1
(2)
VOUT2
(2)
Junction
Temp. Range
Package
(3)
MIC5315-1.5/1.2/1.0YMT
MIC5315-F4CYMT
F4C
1.5V
1.2V/1.0V
–40°C to +125°C
10-Pin 2mm x 2mm
Thin MLF
®
MIC5315-1.5/1.3/1.0YMT
MIC5315-F5CYMT
F5C
1.5V
1.3V/1.0V
–40°C to +125°C
10-Pin 2mm x 2mm
Thin MLF
®
MIC5315-1.8/1.6/1.1YMT
MIC5315-GW3YMT
GW3
1.8V
1.6V/1.1V
–40°C to +125°C
10-Pin 2mm x 2mm
Thin MLF
®
MIC5315-1.8/1.8/1.0YMT
MIC5315-GGCYMT
GGC
1.8V
1.8V/1.0V
–40°C to +125°C
10-Pin 2mm x 2mm
Thin MLF
®
Notes:
1.
Pin 1 identifier = ▲.
2.
For other voltage option, contact Micrel Marketing for details
3.
MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
EN2
GND
5
1
VIN1
VIN2
VBIAS
EN1
10 VOUT1
VOUT2
/VSC2
CBYP
9
8
7
2
3
4
6
10-Pin 2mm × 2mm Thin MLF
® (MT)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN1
Voltage Input for LDO1.
2
VIN2
Voltage Input for LDO2.
3
VBIAS
Bias Input Voltage.
4
EN1
Enable Input for LDO1. Active High Input. Logic High = On; Logic Low = Off; Do
not leave floating.
5
EN2
Enable Input for LDO2. Active High Input. Logic High = On; Logic Low = Off; Do
not leave floating.
6
GND
Ground.
7
CBYP
Bypass: Connect a capacitor to ground to improve output noise and PSRR.
8
/VSC2
Voltage Select Input for LDO2. Active Low Input. Logic High = Full Output
Voltage; Logic Low = Low Output Voltage. Do not leave floating.
9
VOUT2
Output of regulator 2.
10
VOUT1
Output of regulator 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com