Electronic Components Datasheet Search
  English  ▼

X  

MIC5315 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5315
Description  Low Voltage Dual 300mA LDO with Voltage Select
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5315 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5315 Datasheet HTML 1Page - Micrel Semiconductor MIC5315 Datasheet HTML 2Page - Micrel Semiconductor MIC5315 Datasheet HTML 3Page - Micrel Semiconductor MIC5315 Datasheet HTML 4Page - Micrel Semiconductor MIC5315 Datasheet HTML 5Page - Micrel Semiconductor MIC5315 Datasheet HTML 6Page - Micrel Semiconductor MIC5315 Datasheet HTML 7Page - Micrel Semiconductor MIC5315 Datasheet HTML 8Page - Micrel Semiconductor MIC5315 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC5315
July 2008
4
M9999-070208-A
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com