Electronic Components Datasheet Search
  English  ▼

X  

MIC5314 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5314
Description  Low Voltage Dual 300mA LDO with Power on Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5314 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5314 Datasheet HTML 1Page - Micrel Semiconductor MIC5314 Datasheet HTML 2Page - Micrel Semiconductor MIC5314 Datasheet HTML 3Page - Micrel Semiconductor MIC5314 Datasheet HTML 4Page - Micrel Semiconductor MIC5314 Datasheet HTML 5Page - Micrel Semiconductor MIC5314 Datasheet HTML 6Page - Micrel Semiconductor MIC5314 Datasheet HTML 7Page - Micrel Semiconductor MIC5314 Datasheet HTML 8Page - Micrel Semiconductor MIC5314 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
MIC5314
July 2008
2
M9999-070208-A
Ordering Information
Part Number
Manufacturing
Part Number
Marking
(1)
Voltage
(2)
Junction Temp.
Range
Package
(3)
MIC5314-1.5/1.0YMT
MIC5314-FCYMT
QFRC
1.5V/1.0V
–40°C to +125°C
12-Pin 2.5mm x 2.5mm Thin MLF
®
MIC5314-1.5/1.1YMT
MIC5314-F3YMT
QFR3
1.5V/1.1V
–40°C to +125°C
12-Pin 2.5mm x 2.5mm Thin MLF
®
MIC5314-1.5/1.2YMT
MIC5314-F4YMT
QFR4
1.5V/1.2V
–40°C to +125°C
12-Pin 2.5mm x 2.5mm Thin MLF
®
MIC5314-1.5/1.3YMT
MIC5314-F5YMT
QFR5
1.5V/1.3V
–40°C to +125°C
12-Pin 2.5mm x 2.5mm Thin MLF
®
MIC5314-1.5/1.4YMT
MIC5314-F6YMT
QFR6
1.5V/1.4V
–40°C to +125°C
12-Pin 2.5mm x 2.5mm Thin MLF
®
MIC5314-1.5/1.5YMT
MIC5314-FFYMT
QFRF
1.5V/1.5V
–40°C to +125°C
12-Pin 2.5mm x 2.5mm Thin MLF
®
MIC5314-1.8/1.2YMT
MIC5314-G4YMT
QGR4
1.8V/1.2V
–40°C to +125°C
12-Pin 2.5mm x 2.5mm Thin MLF
®
MIC5314-1.8/1.8YMT
MIC5314-GGYMT
QGRG
1.8V/1.8V
–40°C to +125°C
12-Pin 2.5mm x 2.5mm Thin MLF
®
Notes:
1.
Pin 1 identifier = ▲.
2.
For other voltage option, contact Micrel Marketing for details
3.
MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
EN2
GND
5
1
VIN1
VIN2
VBIAS
EN1
12 VOUT1
VOUT2
NC
CBYP
11
10
9
2
3
4
8
CSET2
POR2
6
7
12-Pin 2.5mm × 2.5mm Thin MLF
® (MT)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN1
Voltage Input for LDO1.
2
VIN2
Voltage Input for LDO2.
3
VBIAS
Bias Input Voltage.
4
EN1
Enable Input for LDO1. Active High Input. Logic High = On; Logic Low = Off; Do
not leave floating.
5
EN2
Enable Input for LDO2. Active High Input. Logic High = On; Logic Low = Off; Do
not leave floating.
6
CSET2
Delay Set Input for POR2. Connect an external capacitor to GND to set the
delay for POR2. When left open, there is no delay. Do not ground this pin.
7
POR2
Power-on Reset for LDO2.
8
GND
Ground.
9
CBYP
Bypass: Connect a capacitor to ground to improve output noise and PSRR.
10
NC
No Connect. Not internally connected.
11
VOUT2
Output of regulator 2.
12
VOUT1
Output of regulator 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com