Electronic Components Datasheet Search
  English  ▼

X  

MIC5314 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5314
Description  Low Voltage Dual 300mA LDO with Power on Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5314 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5314 Datasheet HTML 1Page - Micrel Semiconductor MIC5314 Datasheet HTML 2Page - Micrel Semiconductor MIC5314 Datasheet HTML 3Page - Micrel Semiconductor MIC5314 Datasheet HTML 4Page - Micrel Semiconductor MIC5314 Datasheet HTML 5Page - Micrel Semiconductor MIC5314 Datasheet HTML 6Page - Micrel Semiconductor MIC5314 Datasheet HTML 7Page - Micrel Semiconductor MIC5314 Datasheet HTML 8Page - Micrel Semiconductor MIC5314 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC5314
July 2008
3
M9999-070208-A
Absolute Maximum Ratings
(1)
Main Input Voltage (VIN1, VIN2)..........................0V to VBIAS
Bias Supply Voltage (VBIAS)...............................0V to +6V
Enable Input Voltage (VEN1, VEN2) ....................0V to VBIAS
POR Voltage (VPOR2) ........................................0V to VBIAS
Power Dissipation ...............................Internally Limited
(3)
Lead Temperature (soldering, 3sec.)......................260°C
Storage Temperature (Ts) ..................... –65°C to +150°C
ESD Rating
(4)...............................................................2kV
Operating Ratings
(2)
Supply voltage (VIN1, VIN2)...........................+1.7V to VBIAS
Bias Supply Voltage (VBIAS) ........................ 2.5V to +5.5V
Enable Input Voltage (VEN1, VEN2) ................... 0V to VBIAS
POR Voltage (VPOR2)........................................ 0V to VBIAS
Junction Temperature (TJ) .....................–40°C to +125°C
Junction Thermal Resistance
2.5mm x 2.5mm Thin MLF-12 (
θJA).......................70°C/W
Electrical Characteristics
(4)
VBIAS = 3.6V; VIN1= VIN2 = VOUT (Highest of two regulators) + 1V; CBIAS=COUT= 1.0µF, CBYP=0.01µF, IOUT = 100µA;
TJ = 25°C, bold values indicate –40°C to + 125°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Variation from nominal VOUT1 & VOUT2
–1.0
+1.0
%
Output Voltage Accuracy
Variation from nominal VOUT1 & VOUT2
–2.0
+2.0
%
VIN Line Regulation
VIN = VOUT +1V to 5.5V, VBIAS = 5.5V
0.02
0.3
%/V
VBIAS Line Regulation
VBIAS = 3.6V to 5.5V, VIN = VOUT +1V
0.02
0.3
%/V
Load Regulation
IOUT = 100µA to 300mA
0.4
1.0
%
Dropout Voltage
IOUT = 150mA
IOUT = 300mA
40
85
100
200
mV
mV
Ground Pin Current VIN1,VIN2
VEN1 = High; VEN2 = Low; IOUT1 = 100µA to 300mA
VEN1 = Low; VEN2 = High; IOUT2 = 100µA to 300mA
7
7
12
12
µA
µA
Ground Pin Current VBIAS
IOUT1 = IOUT2 = 100µA to 300mA
30
46
µA
Ground Pin Current in
Shutdown
VEN ≤ 0.2V
0.01
1.0
µA
VIN Ripple Rejection
f = 1kHz; COUT = 1.0µF; CBYP = 0.01µF
f = 20kHz; COUT = 1.0µF; CBYP = 0.01µF
65
40
dB
dB
Current Limit
VOUT = 0V
350
550
mA
Output Voltage Noise
COUT = 1µF, CBYP = 0.01µF, 10Hz to 100kHz
30
µVRMS
Enable
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.02
1
µA
Enable Input Current
VIH ≥ 1.2V
0.2
1
µA
Turn-on Time
COUT = 1µF; CBYP = 0.01µF
150
300
µs
POR2 Output
Low Threshold, % of VOUT2 (Flag ON)
88
%
VTH
High Threshold, % of VOUT2 (Flag OFF)
98
%
VOL
POR2 Output Logic Low Voltage; IL = 250µA
0.02
0.1
V
IPOR2
Flag Leakage Current, Flag OFF
–1
0.01
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com