Electronic Components Datasheet Search
  English  ▼

X  

MIC5313 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5313
Description  Low Voltage Dual 300mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5313 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5313 Datasheet HTML 4Page - Micrel Semiconductor MIC5313 Datasheet HTML 5Page - Micrel Semiconductor MIC5313 Datasheet HTML 6Page - Micrel Semiconductor MIC5313 Datasheet HTML 7Page - Micrel Semiconductor MIC5313 Datasheet HTML 8Page - Micrel Semiconductor MIC5313 Datasheet HTML 9Page - Micrel Semiconductor MIC5313 Datasheet HTML 10Page - Micrel Semiconductor MIC5313 Datasheet HTML 11Page - Micrel Semiconductor MIC5313 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Micrel, Inc.
MIC5313
July 2008
8
M9999-070208-A
Application Information
The MIC5313 is a high performance, dual low input
voltage, ultra-low dropout regulator designed for
applications requiring very fast transient response. The
MIC5313 utilizes two input supplies (VIN and VBIAS),
significantly reducing the dropout voltage.
The MIC5313 regulator is fully protected from damage
due to fault conditions, offering linear current limiting and
thermal shutdown.
Bias Supply Voltage
VBIAS, requiring relatively light current, provides power to
the control portion of the MIC5313. Bypassing on the
bias pin is recommended to improve performance of the
regulator during line and load transients. A 1µF ceramic
capacitor from VBIAS-to-ground is recommended to help
reduce the high frequency noise from being injected into
the control circuitry.
Input Supply Voltage
VIN1 and VIN2, provide the supply to power the LDOs
independently. The minimum input voltage is 1.7V
allowing conversion from low voltage supplies. The low
input voltage provides high efficiency by reducing the
input to output voltage step which minimizes the
regulator power loss.
Input Capacitor
The MIC5313 is a high-performance, high bandwidth
device. Therefore, it requires a well-bypassed input
supply for optimal performance. A 1µF capacitor is
required from the input-to-ground to provide stability.
Low-ESR
ceramic
capacitors
provide
optimal
performance at a minimum of space. Additional high-
frequency capacitors, such as small-valued NPO
dielectric-type capacitors, help filter out high-frequency
noise and are good practice in any RF-based circuit.
X5R or X7R dielectrics are recommended for the input
capacitor.
Y5V
dielectrics
loose
most
of
their
capacitance over temperature and are therefore, not
recommended.
Output Capacitor
The MIC5313 requires an output capacitor of 1µF or
greater to maintain stability. The design is optimized for
use with low-ESR ceramic chip capacitors. High ESR
capacitors may cause high frequency oscillation. The
output capacitor can be increased, but performance has
been optimized for a 1µF ceramic output capacitor and
does not improve significantly with larger capacitance.
X7R/X5R
dielectric-type
ceramic
capacitors
are
recommended
because
of
their
temperature
performance. X7R-type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60%, respectively, over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
Bypass Capacitor
A capacitor can be placed from the bypass pin-to-ground
to reduce the output voltage noise. The capacitor
bypasses the internal reference. A 0.01µF capacitor is
recommended for applications that require low-noise
outputs. The bypass capacitor can be increased, further
reducing noise and improving PSRR. Turn-on time
increases
slightly
with
respect
to
the
bypass
capacitance. A unique, quick-start circuit allows the
MIC5313 to drive a large capacitor on the bypass pin
without significantly slowing turn-on time.
No-Load Stability
Unlike many other voltage regulators, the MIC5313 will
remain stable and in regulation with no load. This is
especially
important
in
CMOS
RAM
keep-alive
applications.
Enable/Shutdown
The MIC5313 is provided with dual active-high enable
pins that allow each regulator to be disabled
independently. Forcing the enable pin low disables the
regulator and sends it into a “zero” off-mode-current
state. In this state, current consumed by the regulator
goes nearly to zero. Forcing the enable pin high enables
the output voltage. The active-high enable pin uses
CMOS technology and the enable pin cannot be left
floating;
a
floating
enable
pin
may
cause
an
indeterminate state on the output.
Thermal Considerations
The MIC5313 is designed to provide 300mA of
continuous current for both outputs in a very small
package. Maximum ambient operating temperature can
be calculated based upon the output current and the
voltage drop across the part. Given that the input voltage
is 1.8V, the output voltage is 1.5V for VOUT1, 1.0V for
VOUT2 and the output current = 300mA for each output.
The actual power dissipation of the regulator circuit can
be determined using the equation:
PD = (VIN – VOUT1) IOUT1 + (VIN – VOUT2) I OUT2 + VBIAS IGND
Because this device is CMOS and the ground current is
typically <100µA over the load range, the power
dissipation contributed by the ground current is < 1%
and can be ignored for this calculation.
PD = (1.8V – 1.5V) × 300mA + (1.8V – 1.0V) × 300mA
PD = 0.33W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com