Electronic Components Datasheet Search
  English  ▼

X  

MIC5313 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5313
Description  Low Voltage Dual 300mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5313 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5313 Datasheet HTML 4Page - Micrel Semiconductor MIC5313 Datasheet HTML 5Page - Micrel Semiconductor MIC5313 Datasheet HTML 6Page - Micrel Semiconductor MIC5313 Datasheet HTML 7Page - Micrel Semiconductor MIC5313 Datasheet HTML 8Page - Micrel Semiconductor MIC5313 Datasheet HTML 9Page - Micrel Semiconductor MIC5313 Datasheet HTML 10Page - Micrel Semiconductor MIC5313 Datasheet HTML 11Page - Micrel Semiconductor MIC5313 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel, Inc.
MIC5313
July 2008
10
M9999-070208-A
MIC5313 Typical Application Circuit
J1
VIN
C2
1µF/6.3V
VIN1
1
CBYP
7
VIN2
2
VBIAS
6
EN1
4
EN2
3
VOUT2
9
VOUT1
10
U1
MIC5313-xxYMT
GND
5
J4
EN1
J5
EN2
J3
VBIAS
J2
GND
C1
1µF/6.3V
C3
0.01µF/
6.3V
C5
1µF/6.3V
C4
1µF/6.3V
J7
LDO1
J8
LDO2
J9
GND
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty
C1, C2, C4, C5
C1608X5R1A105K
TDK
(1)
Capacitor, 1µF Ceramic, 10V, X5R, Size 0603
4
C3
VJ0603Y103KXAAT
Vishay
(2)
Capacitor, 0.01µF, 50V, X7R, Size 0603
1
C6
C1608X5R0J106M
TDK
(1)
Open
1
U1
MIC5313-xxYMT
Micrel
(3)
Low Voltage Dual 300mA LDO
1
Notes:
1.
TDK: www.tdk.com
2.
Vishay: www.vishay.com
3.
Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com