Electronic Components Datasheet Search
  English  ▼

X  

MIC5311 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5311
Description  LowQ??Mode Dual 300mA LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5311 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5311 Datasheet HTML 1Page - Micrel Semiconductor MIC5311 Datasheet HTML 2Page - Micrel Semiconductor MIC5311 Datasheet HTML 3Page - Micrel Semiconductor MIC5311 Datasheet HTML 4Page - Micrel Semiconductor MIC5311 Datasheet HTML 5Page - Micrel Semiconductor MIC5311 Datasheet HTML 6Page - Micrel Semiconductor MIC5311 Datasheet HTML 7Page - Micrel Semiconductor MIC5311 Datasheet HTML 8Page - Micrel Semiconductor MIC5311 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5311
LowQ™ Mode Dual 300mA LDO
MLF and MicroLeadFrame are trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2006
M9999-032706
(408) 955-1690
General Description
The MIC5311 is a high performance, dual µCap low
dropout regulator offering ultra-low operating current
and a second, even lower operating current mode,
LowQ™ mode, reducing operating current by 75%.
Each regulator can source up to 300mA of output
current maximum.
Ideal for battery operated applications, the MIC5311
offers 1% accuracy, extremely low dropout voltage
(60mV @ 150mA), and low ground current (typically
28µA total). When put into LowQ™ mode, the internal
current draw drops down to 7µA total. The MIC5311
also comes equipped with a TTL logic compatible
enable pin that allows the part to be put into a zero-off-
mode current state, drawing no current when disabled.
The MIC5311 is a µCap design, operating with very
small ceramic output capacitors for stability, reducing
required board space and component cost.
The MIC5311 is available in fixed output voltages in the
3mm x 3mm MLF-10 leadless package.
Data sheets
and support documentation can be found on Micrel’s
web site at www.micrel.com.
Features
• Input voltage range: 2.5V to 5.5V
• LowQ™ Mode
-
7µA total quiescent current
-
10mA output current capable LowQ™ mode
-
Logic level control with external pin
• Stable with ceramic output capacitor
• 2 LDO Outputs – 300mA each
• Tiny 3mm x 3mm MLF™-10 package
• Low dropout voltage of 60mV @ 150mA
• Ultra-low quiescent current of 28µA total in Full
Current Mode
• High output accuracy
-
±1.0% initial accuracy
-
±2.0% over temperature
• Thermal Shutdown Protection
• Current Limit Protection
Applications
• Cellular/PCS phones
• Wireless modems
• PDAs
• MP3 Players
Typical Application
VIN
EN1
EN2
LOWQ
BYP
Baseband
µProcessor
VOUT1
VCORE
VOUT2
VI/O
GND
MIC5311-xxBML


Similar Part No. - MIC5311

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5311 MICREL-MIC5311 Datasheet
344Kb / 11P
LowQ Mode Dual 300mA LDO
MIC5311-DKBML MICREL-MIC5311-DKBML Datasheet
344Kb / 11P
LowQ Mode Dual 300mA LDO
MIC5311-GMBML MICREL-MIC5311-GMBML Datasheet
344Kb / 11P
LowQ Mode Dual 300mA LDO
More results

Similar Description - MIC5311

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5311 MICREL-MIC5311 Datasheet
344Kb / 11P
LowQ Mode Dual 300mA LDO
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
LowQ Mode Dual 300mA LDO with Integrated POR
logo
List of Unclassifed Man...
EUP7211 ETC1-EUP7211 Datasheet
252Kb / 10P
Dual 150/300mA LDO
logo
RICOH electronics devic...
R1161N081A RICOH-R1161N081A Datasheet
466Kb / 44P
3-MODE 300mA LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
DUAL 300mA LDO REGULATORS
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
300mA Dual LDO Regulator
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
DUAL 300mA LDO REGULATORS
logo
RICOH electronics devic...
R1161 RICOH-R1161 Datasheet
721Kb / 37P
3-MODE 300mA LDO REGULATOR
April 1, 2012
logo
Nisshinbo Micro Devices...
R1161X NISSHINBO-R1161X Datasheet
555Kb / 37P
3-MODE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com