Electronic Components Datasheet Search
  English  ▼

X  

MIC5311 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5311
Description  LowQ??Mode Dual 300mA LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5311 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5311 Datasheet HTML 1Page - Micrel Semiconductor MIC5311 Datasheet HTML 2Page - Micrel Semiconductor MIC5311 Datasheet HTML 3Page - Micrel Semiconductor MIC5311 Datasheet HTML 4Page - Micrel Semiconductor MIC5311 Datasheet HTML 5Page - Micrel Semiconductor MIC5311 Datasheet HTML 6Page - Micrel Semiconductor MIC5311 Datasheet HTML 7Page - Micrel Semiconductor MIC5311 Datasheet HTML 8Page - Micrel Semiconductor MIC5311 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC5311
March 2006
4
M9999-032706
(408) 955-1690
Electrical Characteristics (LowQ™ Mode)
VIN = VOUT + 1.0V for higher output of the regulator pair; LowQ™ = 0V; COUT = 2.2µF, IOUT = 100µA; TJ = 25°C, bold
values indicate -40°C to +125°C, unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal VOUT
-2.0
-3.0
+2.0
+3.0
%
%
Line Regulation
VIN = VOUT +1V to 5.5V
0.02
0.3
0.6
%/V
Load Regulation
IOUT = 100µA to 10mA
0.1
0.5
%
Dropout Voltage
IOUT = 10mA
100
200
mV
Ground Pin Current
Both outputs enabled
7
10
12
µA
µA
Ground Pin Current in
Shutdown
VEN < 0.2V
0.01
1.0
µA
Ripple Rejection
f = up to 1kHz; COUT = 2.2µF ceramic; CBYP = 10nF
f = 1kHz – 20kHz; COUT = 2.2µF ceramic; CBYP = 10nF
45
30
dB
dB
Current Limit
VOUT = 0V (Both regulators)
40
75
150
mA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max) – TA / θJA. Exceeding the maximum
allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Response time defined as the minimum hold-off time after the LowQ™ command before applying load transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com