Electronic Components Datasheet Search
  English  ▼

X  

MIC5210 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5210
Description  Dual 150mA LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5210 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5210 Datasheet HTML 1Page - Micrel Semiconductor MIC5210 Datasheet HTML 2Page - Micrel Semiconductor MIC5210 Datasheet HTML 3Page - Micrel Semiconductor MIC5210 Datasheet HTML 4Page - Micrel Semiconductor MIC5210 Datasheet HTML 5Page - Micrel Semiconductor MIC5210 Datasheet HTML 6Page - Micrel Semiconductor MIC5210 Datasheet HTML 7Page - Micrel Semiconductor MIC5210 Datasheet HTML 8Page - Micrel Semiconductor MIC5210 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5210
Dual 150mA LDO Regulator
MM8 and Micrel Mini 8 are trademarks of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2006
1
M9999-090806
General Description
The MIC5210 is a dual linear voltage regulator with very
low dropout voltage (typically 10mV at light loads and
140mV at 100mA), very low ground current (225µA at
10mA output), and better than 1% initial accuracy. It also
features
individual
logic-compatible
enable/shutdown
control inputs.
Both regulator outputs can supply up to 150mA at the
same time as long as each regulator’s maximum junction
temperature is not exceeded.
Key features include an undervoltage monitor with an error
flag output, a reference bypass pin to improve its already
low-noise performance (8-pin versions only), reversed-
battery protection, current limiting, and overtemperature
shutdown.
Designed especially for hand-held battery powered
devices, the MIC5210 can be switched by a CMOS or TTL
compatible logic signal, or the enable pin can be
connected to the supply input for 3-terminal operation.
When disabled, power consumption drops nearly to zero.
Dropout ground current is minimized to prolong battery life.
Key features include current limiting, overtemperature
shutdown, and protection against reversed battery.
The MIC5210 is available in 2.7V, 2.8V, 3.0V, 3.3V, 3.6V,
4.0V and 5.0V fixed voltage configurations. Other voltages
are available; contact Micrel for details.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Micrel Mini 8™ MSOP package
• Up to 150mA per regulator output
• Low quiescent current
• Low dropout voltage
• Wide selection of output voltages
• Tight load and line regulation
• Low temperature coefficient
• Current and thermal limiting
• Reversed input polarity protection
• Zero off-mode current
• Logic-controlled electronic enable
Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery-powered equipment
• Bar code scanners
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies
Typical Application
Low-Noise + Ultralow-Noise (Dual) Regulator


Similar Part No. - MIC5210

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5210-2.7BMM MICREL-MIC5210-2.7BMM Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5210-2.8BMM MICREL-MIC5210-2.8BMM Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5210-3.0BMM MICREL-MIC5210-3.0BMM Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5210-3.3BMM MICREL-MIC5210-3.3BMM Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
More results

Similar Description - MIC5210

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
150mA UCap Dual LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
150mA LDO REGULATOR
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
150mA LDO REGULATOR
logo
Eutech Microelectronics...
EUP7201 EUTECH-EUP7201 Datasheet
312Kb / 13P
Dual ,Low-Noise,150mA LDO Regulator
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
150mA 關Cap Dual LDO Regulator
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
150mA DUAL LDO REGULATOR
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com