Electronic Components Datasheet Search
  English  ▼

X  

MIC5210 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5210
Description  Dual 150mA LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5210 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5210 Datasheet HTML 1Page - Micrel Semiconductor MIC5210 Datasheet HTML 2Page - Micrel Semiconductor MIC5210 Datasheet HTML 3Page - Micrel Semiconductor MIC5210 Datasheet HTML 4Page - Micrel Semiconductor MIC5210 Datasheet HTML 5Page - Micrel Semiconductor MIC5210 Datasheet HTML 6Page - Micrel Semiconductor MIC5210 Datasheet HTML 7Page - Micrel Semiconductor MIC5210 Datasheet HTML 8Page - Micrel Semiconductor MIC5210 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC5210
September 2006
4
M9999-090806
Absolute Maximum Ratings
Supply Input Voltage (VIN).............................. –20V to +20V
Enable Input Voltage (VEN)............................. –20V to +20V
Power Dissipation (PD)..............................Internally Limited
Storage Temperature Range ....................–60°C to +150°C
Lead Temperature (soldering, 5 sec.)........................ 260°C
Operating Ratings
Supply Input Voltage (VIN)................................. 2.5V to 16V
Enable Input Voltage (VEN)................................... 0V to 16V
Junction Temperature (TJ) .......................... –40°C to +85°C
Thermal Resistance (θJA).......................................... Note 1
Electrical Characteristics
VIN = VOUT +1V; IL = 100µA; CL = 1.0µF; VEN ≥ 2.0V; TJ = 25°C, bold values indicate –40°C < TJ < +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VO
Output Voltage Accuracy
Variation from specified VOUT
–1
–2
1
2
%
%
∆VO/∆T
Output Voltage Temperature
Coefficient
Note 2
40
ppm/°C
∆VO/VO
Line Regulation
VIN = VOUT +1V to 16V
0.004
0.012
0.05
%/V
%/V
∆VO/VO
Load Regulation
IL = 0.1mA to 150mA (Note 3)
0.02
0.2
0.5
%
%
VIN – VO
Dropout Voltage, Note 4
IL = 100µA
IL = 50mA
IL = 100mA
IL = 150mA
10
110
140
165
50
70
150
230
250
300
275
350
mV
mV
mV
mV
mV
mV
mV
mV
IGND
Quiescent Current
VEN ≤ 0.4V (shutdown)
VEN ≤ 0.18V (shutdown)
0.01
1
5
µA
µA
IGND
Ground Pin Current, Note 5
(per regulator)
VEN ≥ 2.0V, IL = 100µA
IL = 50mA
IL = 100mA
IL = 150mA
80
350
600
1300
125
150
600
800
1000
1500
1900
2500
µA
µA
µA
µA
µA
µA
µA
µA
PSRR
Ripple Rejection
Frequency = 100Hz, IL = 100µA
75
dB
ILIMIT
Current Limit
VOUT = 0V
320
500
mA
∆VO/∆PD
Thermal Regulation
Note 6
0.05
%/W
eno
Output Noise (Regulator B only)
IL = 50mA, CL = 2.2µF,
470pF from BYPB to GND
260
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com