Electronic Components Datasheet Search
  English  ▼

X  

MIC3201 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC3201
Description  High Brightness LED Driver with High-Side Current Sense
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3201 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC3201 Datasheet HTML 1Page - Micrel Semiconductor MIC3201 Datasheet HTML 2Page - Micrel Semiconductor MIC3201 Datasheet HTML 3Page - Micrel Semiconductor MIC3201 Datasheet HTML 4Page - Micrel Semiconductor MIC3201 Datasheet HTML 5Page - Micrel Semiconductor MIC3201 Datasheet HTML 6Page - Micrel Semiconductor MIC3201 Datasheet HTML 7Page - Micrel Semiconductor MIC3201 Datasheet HTML 8Page - Micrel Semiconductor MIC3201 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Micrel, Inc.
MIC3201
February 2011
3
M9999-021011-B
Absolute Maximum Ratings(1)
VIN, VCS to PGND/AGND ................................ -0.3V to +22V
VDIM, VEN to PGND/AGND ..................................-0.3V to VIN
VLX to PGND/AGND ................................. -0.3V to VIN+1.0V
VCC to PGND/AGND ..................................... -0.3V to +7.0V
VCS to VIN ...................................................................... 0.3V
VPGND to VAGND ............................................... -0.3V to +0.3V
Storage Temperature (Ts).........................–60°C to +150°C
Lead Temperature (Soldering, 10sec) ....................... 260°C
ESD Ratings (HBM)
(3) ...... ................................………..2kV
(MM)
(3)......................... ...........................100V
Operating Ratings(2)
Supply Voltage (VIN).......................................... 6.0V to 20V
Junction Temperature (TJ) .........................-40°C to +125°C
Junction Thermal Resistance
SOIC (
θJA)..........................................................41°C/W
SOIC (
θJC).......................................................14.7°C/W
Electrical Characteristics(4)
VIN = 12V, VDIM = VEN = VIN, CVCC = 1µF, bold values indicate –40°C≤ TJ ≤ +125°C, unless noted.
Typical values are at TA = +25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Operating Input Voltage Range
6.0
20.0
V
IS
Supply Current
LX open
1.2
1.75
mA
ISD
Shut Down Supply Current
VEN = 0V
TA = 25ºC
1
µA
VCS(MAX)
Sense Voltage Threshold High
VIN - VCS
206
224
mV
VCS(MIN)
Sense Voltage Threshold Low
VIN - VCS
171
189
mV
VHYS
Current Sense Hysteresis
35
mV
VCS Rising
100
ns
Current Sense Response Time
VCS Falling
60
ns
CS Pin Input Current
VIN - VCS = 200mV
3
µA
RDSON
Internal Switch RON
300
550
mΩ
FMAX
Maximum Switching Frequency
1.0
MHz
VCC
VCC Regulator
6
V
ENHI
EN Input Voltage High
2.0
V
ENLO
EN Input Voltage Low
0.4
V
EN Input Current High
VEN =12V
30
50
µA
EN Input Leakage Low
VEN = 0V
1
µA
DIMHI
DIM Input Voltage High
2.0
V
DIMLO
DIM Input Voltage Low
0.4
V
DIM Input Current High
VDIM =12V
22
30
µA
DIM Input Leakage Low
VDIM= 0V
1
µA
FDIM
Maximum DIM Frequency
20
kHz
LX Pin Leakage Current
VIN - VCS ≥ 250mV
VLX=VIN
5
µA
TLIM
Over-Temperature Shutdown
165
ºC
TLIMHYS
Over-Temperature Shutdown Hysteresis
20
ºC
Start-up Time
From EN Pin going high,
DIM = 12V, CVCC = 1µF
300
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com