Electronic Components Datasheet Search
  English  ▼

X  

MIC3201 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3201
Description  High Brightness LED Driver with High-Side Current Sense
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3201 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3201 Datasheet HTML 1Page - Micrel Semiconductor MIC3201 Datasheet HTML 2Page - Micrel Semiconductor MIC3201 Datasheet HTML 3Page - Micrel Semiconductor MIC3201 Datasheet HTML 4Page - Micrel Semiconductor MIC3201 Datasheet HTML 5Page - Micrel Semiconductor MIC3201 Datasheet HTML 6Page - Micrel Semiconductor MIC3201 Datasheet HTML 7Page - Micrel Semiconductor MIC3201 Datasheet HTML 8Page - Micrel Semiconductor MIC3201 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel, Inc.
MIC3201
February 2011
4
M9999-021011-B
Typical Characteristics
2 LED Efficiency
vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
5
10152
INPUT VOTLAGE (V)
0
350mA
1A
1 LED Efficiency
vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
510
15
INPUT VOTLAGE (V)
1 LED Current
vs. Input Voltage
0
200
400
600
800
1000
1200
510
15
INPUT VOTLAGE (V)
20
350mA
1A
20
350mA
1A
Switching Frequency
vs. Input Voltage
0
100
200
300
400
500
600
700
800
510
15
INPUT VOLTAGE (V)
20
RCS = 0.2Ω
L = 22µH
TA = 25°C
Supply Current
vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
510
15
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
510
15
INPUT VOLTAGE (V)
2 LED Current
vs. Input Voltage
0
200
400
600
800
1000
1200
510
15
20
INPUT VOTLAGE (V)
1A
350mA
20
TA = 25°C
20
TA = 25°C
VCC
vs. Input Voltage
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
510
15
INPUT VOLTAGE (V)
Enable Threshold
vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
510
15
INPUT VOLTAGE (V)
20
TA = 25°C
20
TA = 25°C
VCC
vs. ICC
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
5
10
15
20
ICC (mA)
TA = 25°C
Current Sense Voltage
vs. Input Voltage
0
50
100
150
200
250
510
15
INPUT VOLTAGE (V)
Switch Voltage
vs. Switch Current
0
50
100
150
200
250
300
350
0
0.25
0.5
0.75
1
SWITCH CURRENT (A)
TA = 25°C
20
VCS(Min)
VCS(Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com