Electronic Components Datasheet Search
  English  ▼

X  

MIC3002 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC3002
Description  FOM Management IC with Internal Calibration
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3002 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC3002 Datasheet HTML 5Page - Micrel Semiconductor MIC3002 Datasheet HTML 6Page - Micrel Semiconductor MIC3002 Datasheet HTML 7Page - Micrel Semiconductor MIC3002 Datasheet HTML 8Page - Micrel Semiconductor MIC3002 Datasheet HTML 9Page - Micrel Semiconductor MIC3002 Datasheet HTML 10Page - Micrel Semiconductor MIC3002 Datasheet HTML 11Page - Micrel Semiconductor MIC3002 Datasheet HTML 12Page - Micrel Semiconductor MIC3002 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
Micrel, Inc.
MIC3002
July 2007
9
M9999-073107-B
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Power Supply Voltage, VDD ................................. +3.8V
Voltage on CLK, DATA, TXFAULT, VIN, RXLOS,
DISABLE, RSIN..................................–0.3V to +6.0V
Voltage On Any Other Pin............... –0.3V to VDD+0.3V
Power Dissipation, TA = 85°C ............................... 1.5W
Junction Temperature (TJ) .................................. 150°C
Storage Temperature (TS) ................. –65°C to +150°C
ESD Ratings(3)
Human Body Model............................................. 2kV
Machine Model .................................................. 300V
Soldering (20sec) .................................................260ºC
Operating Ratings(2)
Power Supply Voltage, VDDA/VDDD ..... +3.0V to +3.6V
Ambient Temperature Range (TA) ... –40°C to +105°C
Package Thermal Resistance
QFN (
θ
JA) ............................................... 43°C/W
Electrical Characteristics
For typical values, TA = 25°C, VDDA = VDDD = +3.3V, unless otherwise noted. Bold values are guaranteed for +3.0V
≤
(VDDA = VDDD)
≤ 3.6V, T(min) ≤ TA ≤ T(max)(8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
IDD
Supply Current
CLK = DATA = VDDD = VDDA;
TXDISABLE low; all DACs at full-
scale; all A/D inputs at full-scale; all
other pins open.
2.3
3.5
mA
CLK = DATA = VDDD = VDDA;
TXDISABLE high; FLTDAC at full-
scale; all A/D inputs at full-scale; all
other pins open.
2.3
3.5
mA
VPOR
Power-on Reset Voltage
All registers reset to default values;
A/D conversions initiated.
2.9
2.98
V
V
UVLO
Under-Voltage Lockout Threshold
Note 5
2.5
2.73
V
V
HYST
Power-on Reset Hysteresis Voltage
170
mV
t
POR
Power-on Reset Time
VDD > VPOR(4)
50
µs
VREF
Reference Voltage
1.210
1.225
1.240
V
∆V
REF
/
∆V
DDA
Voltage Reference Line Regulation
1.7
mV/V
Temperature-to-Digital Converter Characteristics
Local Temperature Measurement
Error
–40°C
≤ T
A ≤ +105°C
(6)
±1
±3
°C
Remote Temperature
Measurement Error
–40°C
≤ T
A ≤ +105°C
(6)
±1
±3
°C
tCONV
Conversion Time
Note 4
60
ms
tSAMPLE
Sample Period
100
ms
Remote Temperature Input, XPN
IF
Current to External Diode(4)
XPN at high level, clamped to 0.6V.
192
400
µA
XPN at low level, clamped to 0.6V.
7
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com