Electronic Components Datasheet Search
  English  ▼

X  

MIC3002 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC3002
Description  FOM Management IC with Internal Calibration
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3002 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC3002 Datasheet HTML 1Page - Micrel Semiconductor MIC3002 Datasheet HTML 2Page - Micrel Semiconductor MIC3002 Datasheet HTML 3Page - Micrel Semiconductor MIC3002 Datasheet HTML 4Page - Micrel Semiconductor MIC3002 Datasheet HTML 5Page - Micrel Semiconductor MIC3002 Datasheet HTML 6Page - Micrel Semiconductor MIC3002 Datasheet HTML 7Page - Micrel Semiconductor MIC3002 Datasheet HTML 8Page - Micrel Semiconductor MIC3002 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
MIC3002
FOM Management IC with Internal
Calibration
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2007
M9999-073107-B
hbwhelp@micrel.com or (408) 955-1690
General Description
The MIC3002 is a fiber optic module controller which enables
the implementation of sophisticated, hot-pluggable fiber optic
transceivers with intelligent laser control and an internally
calibrated Digital Diagnostic Monitoring Interface per SFF-
8472. It essentially integrates all non-datapath functions of an
SFP transceiver into a tiny (4mm x 4mm) QFN package. It
also
works
well
as
a
microcontroller
peripheral
in
transponders or 10Gbps transceivers.
A highly configurable automatic power control (APC) circuit
controls laser bias. Bias and modulation are temperature
compensated using dual DACs, an on-chip temperature
sensor, and NVRAM look-up tables. A programmable
internal feedback resistor provides a wide dynamic range for
the APC. Controlled laser turn-on facilitates hot plugging.
An analog-to-digital converter converts the measured
temperature, voltage, bias current, transmit power, and
received power from analog to digital. An EEPOT provides
front-end adjustment of RX power. Each parameter is
compared against user-programmed warning and alarm
thresholds. Analog comparators and DACs provide high-
speed monitoring of received power and critical laser
operating parameters. Data can be reported as either
internally calibrated or externally calibrated.
An interrupt output, power-on hour meter, and data-ready
bits add user friendliness beyond SFF-8472. The interrupt
output and data-ready bits reduce overhead in the host
system. The power-on hour meter logs operating hours using
an internal real-time clock and stores the result in NVRAM.
In addition to the features listed above which are already
implemented in the previous controller MIC3001, the
MIC3002 features an extensive temperature range, options
to mask alarms and warnings interrupt and TXFAULT, and
ability to support up to four chips with the same address on
the serial interface.
Communication with the MIC3002 is via an industry standard
2-wire serial interface. Nonvolatile memory is provided for
serial ID, configuration, and separate OEM and user
scratchpad spaces. Two-level password protection guards
against data corruption.
Features
• Extensive temperature range
• Alarms and Warnings interrupt and TXFAULT masks
• Capability to support up to four chips on the serial
interface
• LUT to compensate for chip-FOM case temperature
difference
• APC or constant-current laser bias
• Turbo mode for APC loop start-up and shorter laser turn
on time
• Supports multiple laser types and bias circuit topologies
• Integrated digital temperature sensor
• Temperature compensation of modulation, bias, and
fault levels via NVRAM look-up tables
• NVRAM to support GBIC/SFP serial ID function
• User writable EEPROM scratchpad
• Diagnostic monitoring interface per SFF-8472
– Monitors and reports critical parameters:
temperature, bias current, TX and RX optical power,
and supply voltage
– S/W control and monitoring of TXFAULT, RXLOS,
RATESELECT, and TXDISABLE
– Internal or external calibration
– EEPOT for adjusting RX power measurement
• Power-on hour meter
• Interrupt capability
• Extensive test and calibration features
• 2-wire SMBus-compatible serial interface
• SFP/SFP+ MSA and SFF-8472 compliant
• 3.0V to 3.6V power supply range
• 5V-tolerant I/O
• Available in (4mm x 4mm) 24-pin QFN package
Applications
• SFP/SFP+ optical transceivers
• SONET/SDH transceivers and transponders
• Fibre Channel transceivers
• 10Gbps transceivers
• Free space optical communications
• Proprietary optical links


Similar Part No. - MIC3002

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3002 MICREL-MIC3002 Datasheet
1Mb / 65P
FOM Management IC with Internal Calibr ation
MIC3002BML MICREL-MIC3002BML Datasheet
1Mb / 65P
FOM Management IC with Internal Calibr ation
MIC3002BMLTR MICREL-MIC3002BMLTR Datasheet
1Mb / 65P
FOM Management IC with Internal Calibr ation
MIC3002GML MICREL-MIC3002GML Datasheet
1Mb / 65P
FOM Management IC with Internal Calibr ation
MIC3002GMLTR MICREL-MIC3002GMLTR Datasheet
1Mb / 65P
FOM Management IC with Internal Calibr ation
More results

Similar Description - MIC3002

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Micrel Semiconductor
MIC3001 MICREL-MIC3001 Datasheet
357Kb / 74P
SFP Management IC with Internal Calibration
logo
Texas Instruments
CDCE401 TI-CDCE401 Datasheet
311Kb / 19P
OSCILLATOR IC WITH ELECTRONIC CALIBRATION
logo
Micrel Semiconductor
MIC3002 MICREL-MIC3002 Datasheet
1Mb / 65P
FOM Management IC with Internal Calibr ation
MIC3003 MICREL-MIC3003 Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3001 MICREL-MIC3001_11 Datasheet
1Mb / 76P
FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003_11 Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
FOM Management IC with Internal Calibration
MIC3000 MICREL-MIC3000_07 Datasheet
452Kb / 68P
FOM Management IC
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com