Electronic Components Datasheet Search
  English  ▼

X  

MIC5264 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5264
Description  150mA 關Cap Dual LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5264 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5264 Datasheet HTML 1Page - Micrel Semiconductor MIC5264 Datasheet HTML 2Page - Micrel Semiconductor MIC5264 Datasheet HTML 3Page - Micrel Semiconductor MIC5264 Datasheet HTML 4Page - Micrel Semiconductor MIC5264 Datasheet HTML 5Page - Micrel Semiconductor MIC5264 Datasheet HTML 6Page - Micrel Semiconductor MIC5264 Datasheet HTML 7Page - Micrel Semiconductor MIC5264 Datasheet HTML 8Page - Micrel Semiconductor MIC5264 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC5264
May 2006
2
M9999-052406
(408) 955-1690
Ordering Information
Part Number
Full
Manufacturing
Vo1/Vo2
Marking
Code
Junction Temp.
Range
Package
Pb-Free
MIC5264-2.5/1.8YML
MIC5264-JGYML
2.5V/1.8V
MAJG
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-2.6/1.8YML
MIC5264-KGYML
2.6V/1.8V
MAKG
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-2.6/2.6YML
MIC5264-KKYML
2.6V/2.6V
MAKK
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-2.8/1.5YML
MIC5264-MFYML
2.8V/1.5V
MAMF
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-2.8/2.5YML
MIC5264-MJYML
2.8V/2.5V
MAMJ
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-2.8/2.6YML
MIC5264-MKYML
2.8V/2.6V
MAMK
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-2.8/2.8YML
MIC5264-MMYML
2.8V/28V
MAMM
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-2.85/1.8YML
MIC5264-NGYML
2.85V/1.8V
MANG
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-2.85/2.85YML
MIC5264-NNYML
2.85V/2.85V
MANN
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-2.9/1.5YML
MIC5264-OFYML
2.9V/1.5V
MAOF
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-2.9/1.8YML
MIC5264-OGYML
2.9V/1.8V
MAOG
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-2.9/2.6YML
MIC5264-OKYML
2.9V/2.6V
MAOK
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-3.0/1.8YML
MIC5264-PGYML
3.0V/1.8V
MAPG
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-3.0/2.5YML
MIC5264-PJYML
3.0V/2.5V
MAPJ
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-3.0/2.8YML
MIC5264-PMYML
3.0V/2.8V
MAPM
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-3.0/3.0YML
MIC5264-PPYML
3.0V/3.0V
MAPP
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-3.3/1.8YML
MIC5264-SGYML
3.3V/1.8V
MASG
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-3.3/2.5YML
MIC5264-SJYML
3.3V/2.5V
MASJ
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-3.3/3.0YML
MIC5264-SPYML
3.3V/3.0V
MASP
–40°C to +125°C
2.5mm x 2.5mm MLF
®
MIC5264-3.3/3.3YML
MIC5264-SSYML
3.3V/3.3V
MASS
–40°C to +125°C
2.5mm x 2.5mm MLF
®
Note:
1. Other Voltage Combinations available. Contact Micrel for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com