Electronic Components Datasheet Search
  English  ▼

X  

MIC5264 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5264
Description  150mA 關Cap Dual LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5264 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5264 Datasheet HTML 1Page - Micrel Semiconductor MIC5264 Datasheet HTML 2Page - Micrel Semiconductor MIC5264 Datasheet HTML 3Page - Micrel Semiconductor MIC5264 Datasheet HTML 4Page - Micrel Semiconductor MIC5264 Datasheet HTML 5Page - Micrel Semiconductor MIC5264 Datasheet HTML 6Page - Micrel Semiconductor MIC5264 Datasheet HTML 7Page - Micrel Semiconductor MIC5264 Datasheet HTML 8Page - Micrel Semiconductor MIC5264 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC5264
May 2006
3
M9999-052406
(408) 955-1690
Pin Configuration
EN2
GND2
5
1
GND1
IN1
OUT1
BYP2
10 EN1
BYP1
OUT2
IN2
9
8
7
2
3
4
6
2.5mm × 2.5mm MLF-10L (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1
GND1
Ground
2
IN1
Supply Voltage
3
OUT1
Regulator Output
4
BYP2
Reference Bypass: Connect external 0.01µF <= CBYP <= 1.0µF capacitor to
GND to reduce output noise. Do not leave open.
5
EN2
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable; logic low
= shutdown. Do not leave open.
6
GND2
Ground
7
IN2
Supply Voltage
8
OUT2
Regulator Output
9
BYP1
Reference Bypass: Connect external 0.01µF <= CBYP <= 1.0µF capacitor to
GND to reduce output noise. Do not leave open.
10
EN1
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable; logic low
= shutdown. Do not leave open.
EP
Exposed Pad
Exposed Pad. Connect to external ground pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com