Electronic Components Datasheet Search
  English  ▼

X  

MIC2807 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2807
Description  RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2807 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2807 Datasheet HTML 1Page - Micrel Semiconductor MIC2807 Datasheet HTML 2Page - Micrel Semiconductor MIC2807 Datasheet HTML 3Page - Micrel Semiconductor MIC2807 Datasheet HTML 4Page - Micrel Semiconductor MIC2807 Datasheet HTML 5Page - Micrel Semiconductor MIC2807 Datasheet HTML 6Page - Micrel Semiconductor MIC2807 Datasheet HTML 7Page - Micrel Semiconductor MIC2807 Datasheet HTML 8Page - Micrel Semiconductor MIC2807 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MIC2807
RF PA Power Management IC
2MHz, 600mA DC/DC w/DAC Input and
Bypass Switch, Dual Low Noise
200mA/30mA LDO Regulators
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2008
M9999-022008-B
General Description
The MIC2807 integrates a high performance 600mA
DC/DC converter intended for powering a power amplifier
(PA) in a mobile phone with dual low noise low dropout
(LDO) regulators for the rest of the RF section. Optimized
for low noise performance, the MIC2807 improves
efficiency in the handset without compromising quality.
The MIC2807 has a 2MHz, constant frequency pulse width
modulated (PWM) DC/DC converter designed for low
noise operation and high efficiency. The output voltage
(VOUT) is variable from 0.3V to the input voltage (VIN),
adjustable from 0.3V to 3.6V through a DAC input when
VIN > VOUT. The converter will work in a 100% duty cycle
mode to offer maximum power and efficiency in the
application. In addition to 100% duty cycle, the DC/DC
converter has a bypass mode of operation where the input
voltage node (PVIN pin) is shorted to the output voltage
node (OUT pin) through a 95mΩ switch.
The integrated dual low noise low dropout regulators are
optimized for high PSRR capability and fast turn-on times.
The constant frequency DC/DC converter along with dual
low noise LDO regulators enables a very quiet and
efficient solution for mobile applications.
The MIC2807 is a µCap design, operating with small
ceramic output capacitors and inductors for stability,
reducing required board space and component cost and it
is available in the tiny 2.5mm x 2.8mm MLF
® package.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 2.7V to 5.5V input voltage range
• Stable with ceramic output capacitors
• Tiny 17-pin 2.5mm x 2.8mm MLF® Package
• Thermal shutdown protection
• Current limit protection
RF PA Power Supply DC/DC Converter
• Adjustable output power supply – DAC controlled
–
VOUT = VDAC x 3
• Bypass mode operation
–
Internal 95mΩ switch between PVIN and OUT pins
–
VDAC > 1.2V
• Up to 600mA output current in PWM mode
• 100% duty cycle operation for maximum efficiency
• Tiny 4.7µH, 1µF output inductor and capacitor
• Low-noise 2MHz PWM operation
• >90% efficiency
Dual Low Noise Low Dropout Regulators
• High accuracy – ±2% over temperature
• High PSRR – greater than 70dB
• Very low output noise – 32µVrms
• LDO1 – 200mA output current capability
• LDO2 – 30mA output current capability
Applications
• CDMA2000 mobile phones
• UMTS/WCDMA mobile phones
• Wibro modules
• WiFi modules
• Power amplifier modules (PAMs) with linear PAs
Typical Application
CDMA2000/WCDMA RF Power Supply Circuit
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5
DAC VOLTAGE (V)
DC/DC Output Voltage
vs. DAC Voltage
IOUT = 100mA
VIN = 4.2V


Similar Part No. - MIC2807

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2807 MICREL-MIC2807 Datasheet
430Kb / 17P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
More results

Similar Description - MIC2807

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2800 MICREL-MIC2800 Datasheet
638Kb / 21P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2807 MICREL-MIC2807 Datasheet
430Kb / 17P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
2MHz, 600mA Step-Down DC-DC Converter
logo
Micrel Semiconductor
MIC2808 MICREL-MIC2808 Datasheet
482Kb / 18P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
MIC23060 MICREL-MIC23060 Datasheet
738Kb / 15P
Sequenced Power Management IC with HyperLight Load??DC/DC and Dual Input LDO?
MIC2811 MICREL-MIC2811_08 Datasheet
465Kb / 17P
Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2810 MICREL-MIC2810_08 Datasheet
514Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800 MICREL-MIC2800_07 Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com