Electronic Components Datasheet Search
  English  ▼

X  

MIC2807 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2807
Description  RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2807 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2807 Datasheet HTML 1Page - Micrel Semiconductor MIC2807 Datasheet HTML 2Page - Micrel Semiconductor MIC2807 Datasheet HTML 3Page - Micrel Semiconductor MIC2807 Datasheet HTML 4Page - Micrel Semiconductor MIC2807 Datasheet HTML 5Page - Micrel Semiconductor MIC2807 Datasheet HTML 6Page - Micrel Semiconductor MIC2807 Datasheet HTML 7Page - Micrel Semiconductor MIC2807 Datasheet HTML 8Page - Micrel Semiconductor MIC2807 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel, Inc.
MIC2807
February 2008
4
M9999-022008-B
Absolute Maximum Ratings
(1)
Supply Voltage (PVIN, AVIN, VIN) ............................ 0V to 6V
Output Switch Voltage (VSW). ...........................................6V
DAC Input Voltage (VDAC)....................................... 0V to VIN
Logic Input Voltage (VEN, VEN1, VEN2) ..................... 0V to VIN
Power Dissipation
(3)...................................Internally Limited
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(4)................................................................ ±2kV
Operating Ratings
(2)
Supply Voltage (PVIN, AVIN, VIN) ...................... 2.7V to 5.5V
Output Voltage (VOUT) ............................................ 0V to VIN
Enable Voltage (VEN, VEN1, VEN2)............................ 0V to VIN
DAC Input Voltage (VDAC).................................... 0.1V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Thermal Resistance
2.5x2.8mm MLF-17 (θJA) ...................................70°C/W
Electrical Characteristics
(5)
DC/DC Converter
VIN = PVIN = AVIN = VEN = 3.6V; VDAC = 0.6V; VEN1 = VEN2 = 0V; L = 4.7µH; COUT = 1µF; TA = 25°C, bold values indicate
–40°C< TJ < +125°C, unless noted.
LDO1/LDO2
VIN = VEN1 = VEN2 = 3.6V; COUTLDO1 = 2.2µF; VEN = 0V; COUTLDO2 = 1µF; IOUT = 100µA; TA = 25°C, bold values indicate
–40°C< TJ < +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
MIC2807
Supply Voltage Range
2.7
5.5
V
Total Quiescent Current
VEN = VEN1 = VEN2 = 3.6V
VDAC = 0.6V (DC/DC: not switching)
480
µA
Logic Low
0.4
V
Enable Pin Threshold
Logic High
1.3
V
Enable Pin Hysteresis
30
mV
Enable Pin Input Current
0.01
1
µA
Under-Voltage
Lockout Threshold
(turn-on)
2.6
2.7
V
UVLO Hysteresis
85
mV
Shutdown Temperature
160
ºC
Shutdown Temperature
Hysteresis
20
ºC
Total Shutdown Current
VEN = VEN1 = VEN2 = 0V
1
5
µA
DC/DC Converter [VEN1 = VEN2 = 0V]
Maximum Duty Cycle
100
%
Bypass Quiescent
Current
VDAC = 1.3V
490
650
µA
Quiescent Current
VDAC = 0.6V (regulator on, not switching)
360
450
µA
Output Voltage
VDAC = 0.6V, ILOAD = 0mA
1.746
1.8
1.854
V
Output Voltage
Line Regulation
3.0V< VIN < 4.5, ILOAD = 10mA
0.05
0.5
%/V
Output Voltage
Load Regulation
0mA < IOUT < 400mA
0.2
1
%
Switch On-Resistance
ISW = -100mA, High-Side Switch
ISW = 100mA, Low-Side Switch
0.55
0.6
0.75
0.85
Ω
Ω
Current Limit
(Peak SW Current)
0.65
0.85
1.6
A
Frequency
1.8
2
2.2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com