Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2593 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2593 Datasheet HTML 1Page - Micrel Semiconductor MIC2593 Datasheet HTML 2Page - Micrel Semiconductor MIC2593 Datasheet HTML 3Page - Micrel Semiconductor MIC2593 Datasheet HTML 4Page - Micrel Semiconductor MIC2593 Datasheet HTML 5Page - Micrel Semiconductor MIC2593 Datasheet HTML 6Page - Micrel Semiconductor MIC2593 Datasheet HTML 7Page - Micrel Semiconductor MIC2593 Datasheet HTML 8Page - Micrel Semiconductor MIC2593 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Micrel, Inc.
MIC2593
September 2008
2
M9999-092208
Typical Application
PCI Connector
VSTBYB
VSTBYA
VAUXA
5VINA
5VSENSEA
3VINA
3VSENSEA
5VINB
5VSENSEB
3VINB
3VSENSEB
5VGATEA
5VOUTA
3VGATEA
3VGATEB
3VOUTB
12VOUTB
12MVOUTB
VAUXB
3VOUTA
12VOUTA
12MVOUTA
GND
CFILTERA
A1
A2
A0
ONB
ONA
GPIB
GPIA
AUXENB
AUXENA
/INT
SCL
SDA
5VGATEB
5VOUTB
CFILTERB
MIC2593
*R12VGATEA
Si4420DY
Si4420DY
CGATE
0.01µF
0.01µF
RSENSE
PCI Bus
3.3VAUXA
375mA
3.3V, 7.6A
12V, 0.5A
–12V, 0.1A
RSENSE
*R12VGATEB
Si4420DY
0.01µF
RSENSE
Si4420DY
C
GATE
0.01µF
*R3VGATEB
RSENSE
PCI Connector
PCI Bus
3.3VAUXB
3.3V, 7.6A
5V, 5A
*
Values for R5VGATE[A/B] and R3VGATE[A/B] may vary depending upon the CGS of the external MOSFETs.
** Values determined by design requirements. See “Functional Description” section for detailed information.
# MBRS140T3 or equivalent is recommended.
Bold lines indicate high current paths
4
11
26
6
7
8
9
12
13
14
16
10
19
31
30
29
28
25
24
23
21
22
–12V, 0.1A
20
12V, 0.5A
27
2
46
15
*R3VGATEA
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
/FAULTB
/FAULTA
1
/INT
SCL
SDA
SMBus I/O
Management
Controller
48
47
37
43
42
38
35
45
44
VSTBY
**C1
**C2
VSTBY
10k × 3
10k × 4
10k × 2
SDA
SCL
/INT
SMBus
Base
Address
39
40
41
GPIB
100k
100k
GPIA
VSTBY
12VSLEWA
12VSLEWB
3
34
**C3
**C4
36
VSTBY
532
17
18
Power
Supply
+12V
12V
+5.0V
+3.3V
VSTBY
12VINA 12VINB
12MVINA 12MVINB
ONB
ONA
AUXENB
AUXENA
Hot Plug
Controller
/FAULTB
/FAULTA
GND 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com