Electronic Components Datasheet Search
  English  ▼

X  

MIC2593 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2593 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2593 Datasheet HTML 1Page - Micrel Semiconductor MIC2593 Datasheet HTML 2Page - Micrel Semiconductor MIC2593 Datasheet HTML 3Page - Micrel Semiconductor MIC2593 Datasheet HTML 4Page - Micrel Semiconductor MIC2593 Datasheet HTML 5Page - Micrel Semiconductor MIC2593 Datasheet HTML 6Page - Micrel Semiconductor MIC2593 Datasheet HTML 7Page - Micrel Semiconductor MIC2593 Datasheet HTML 8Page - Micrel Semiconductor MIC2593 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Micrel, Inc.
MIC2593
September 2008
3
M9999-092208
Pin Configuration
/FAULTA
CFILTERA
12VSLEW
GPI
12VINA
5VINA
5VSENSEA
5VGATEA
5VOUTA
12VOUTA
VSTBYA
3VINA
/FAULTB
CFILTERB
12VSLEWB
GND
12VINB
5VINB
5VSENSEB
5VGATEB
5VOUTB
12VOUTB
VSTBYB
3VINB
Hot-Plug
Control
Interface
Slot A
Interface
Slot B
Interface
48-Pin TQFP (TQ)
Pin Description
Pin Number
Pin Name
Pin Function
5, 32
12VINA, 12VINB
+12V Supply Power [A/B]: Pin 5 is the input to the drain side of the internal
MOSFET switch for +12V Slot A. Pin 32 is the input to the drain side of the
internal MOSFET switch for +12V Slot B. These two pins must ultimately
connect to each other within 10cm of the MIC2593. An undervoltage lockout
circuit (UVLO) prevents the switches from turning on while this input is less than
its lockout threshold.
10, 27
12VOUTA, 12VOUTB
+12V Output [A/B]: Pin 10 is connected to the source terminal of the internal
MOSFET switch for +12V Slot A and pin 27 is connected similarly for Slot B.
17, 18
12MVINA, 12MVINB
–12V Supply Power [A/B]: Pin 17 is the input to the drain side of the internal
MOSFET switch for +12V Slot A. Pin 18 is the input to the drain side of the
internal MOSFET switch for –12V Slot B. These two pins must ultimately
connect to each other within 10cm of the MIC2593. An undervoltage lockout
circuit (UVLO) prevents the switches from turning on while this input is less than
its lockout threshold.
19, 20
12MVOUTA, 12MVOUTB
–12V Output [A/B]: Pin 19 is connected to the source terminal of the internal
MOSFET switch for –12V Slot A and pin 20 is connected similarly for Slot B.
3, 34
12VSLEWA, 12VSLEWB
12V Slew Rate Control [A/B]: Connect capacitors between these pins and
ground to set the output slew rates of the +12V and –12V supplies. See the
“Functional Description” section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com