Electronic Components Datasheet Search
  English  ▼

X  

MIC2250YML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2250YML
Description  High-Efficiency Low EMI Boost Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2250YML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2250YML Datasheet HTML 4Page - Micrel Semiconductor MIC2250YML Datasheet HTML 5Page - Micrel Semiconductor MIC2250YML Datasheet HTML 6Page - Micrel Semiconductor MIC2250YML Datasheet HTML 7Page - Micrel Semiconductor MIC2250YML Datasheet HTML 8Page - Micrel Semiconductor MIC2250YML Datasheet HTML 9Page - Micrel Semiconductor MIC2250YML Datasheet HTML 10Page - Micrel Semiconductor MIC2250YML Datasheet HTML 11Page - Micrel Semiconductor MIC2250YML Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Micrel, Inc.
MIC2250
April 2011
8
M9999-041811-B
Functional Description
VIN
The input supply (VIN) provides power to the internal
MOSFETs and control circuitry for the switch mode
regulator. The operating input voltage range is from 2.5V
to 5.5V. An input capacitor with a minimum voltage
rating of 6.3V is recommended. Refer to the layout
recommendations for details.
EN
A logic level input of 1.5V or higher enables the
regulator. A logic input of 0.4V or less places the
regulator in shutdown mode which reduces the supply
current to less than 1µA. The MIC2250 features built-in
soft start circuitry that reduces in-rush current and
prevents the output voltage from overshooting during
startup. Do not leave the Enable pin floating.
SW
The MIC2250 has an internal MOSFET switch that
connects directly to one end of the inductor (SW pin) and
provides a current path to ground during switching
cycles. The source of the internal MOSFET connects
through a current sense resistor to ground.
PGND
The power ground pin is the high current path to ground.
The current loop for the power ground should be as
small as possible and separate from the analog ground
(AGND). Refer to the layout recommendations for more
details.
AGND
Analog ground (AGND) is the ground path for the biasing
and control circuitry. The current loop for the signal
ground should be separate from the power ground
(PGND) loop. Refer to the layout recommendations for
more details.
DITH
The DITH function is a frequency dithering technique
that reduces EMI noise by spreading the boost
regulators’ noise spectrum. This technique reduces the
EMI peaks by distributing the switching frequency across
a wider spectrum. Connect this pin high to enable the
pseudo-random on-time dithering. Connect this pin to
ground to disable this function.
FB
The feedback pin (FB) allows the regulated output
voltage to be set by applying an external resistor divider
network. The internal reference voltage is 1.24V. The
output voltage is calculated from the following equation:
⎟
⎠
⎞
⎜
⎝
⎛ +
=
R2
R1
1
1.24V
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com