Electronic Components Datasheet Search
  English  ▼

X  

MIC2250YML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2250YML
Description  High-Efficiency Low EMI Boost Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2250YML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2250YML Datasheet HTML 6Page - Micrel Semiconductor MIC2250YML Datasheet HTML 7Page - Micrel Semiconductor MIC2250YML Datasheet HTML 8Page - Micrel Semiconductor MIC2250YML Datasheet HTML 9Page - Micrel Semiconductor MIC2250YML Datasheet HTML 10Page - Micrel Semiconductor MIC2250YML Datasheet HTML 11Page - Micrel Semiconductor MIC2250YML Datasheet HTML 12Page - Micrel Semiconductor MIC2250YML Datasheet HTML 13Page - Micrel Semiconductor MIC2250YML Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel, Inc.
MIC2250
April 2011
11
M9999-041811-B
MIC2250 Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C2012X5R0J106K
TDK
(1)
VJ0805G106KXYAT
Vishay Vitramon
(2)
08056D106KAT
AVX
(3)
C1
GRM21BR60J106M
Murata
(4)
Capacitor, 10µF, 6.3V, X5R
1
C2012X5R1E225K
TDK
(1)
08053C225MAT
AVX
(3)
C3
GRM21R61E225KE36D
Murata
(4)
Capacitor, 2.2µF, 25V, X5R
1
LS4148
Vishay
(2)
High Speed Diode, 75V, 300mA
D1
LS04
Vishay
(2)
Schottky Diode, 40V, 1A
1
VLF5012ST-100M1R0
TDK
(1)
10µH
LPS4018-100
Coilcraft
(5)
10µH, 10%
L1
CDRH4D28NP-100NC
Sumida
(6)
10µH, 1.26A
1
R1
CRCW06031004FKEYE3
Vishay Dale
(2)
Resistor, 1M, 1%. 1/16W, Size 0603
1
R2
CRCW06039012FKEYE3
Vishay Dale
(2)
Resistor, 90.1k, 1%. 1/16W, Size 0603
1
U1
MIC2250YML
Micrel, Inc.
(7)
High-Efficiency Low EMI Boost Regulator
1
Notes:
1. TDK: www.tdk.com.
2. Vishay: www.vishay.com.
3. AVX: www.avx.com.
4. Murata: www.murata.com.
5. Coilcraft: www.coilcraft.com.
6. Sumida: www.sumida.com.
7. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com