Electronic Components Datasheet Search
  English  ▼

X  

2SC2570A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC2570A
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2570A Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC2570A Datasheet HTML 1Page - Renesas Technology Corp 2SC2570A Datasheet HTML 2Page - Renesas Technology Corp 2SC2570A Datasheet HTML 3Page - Renesas Technology Corp 2SC2570A Datasheet HTML 4Page - Renesas Technology Corp 2SC2570A Datasheet HTML 5Page - Renesas Technology Corp 2SC2570A Datasheet HTML 6Page - Renesas Technology Corp 2SC2570A Datasheet HTML 7Page - Renesas Technology Corp 2SC2570A Datasheet HTML 8Page - Renesas Technology Corp 2SC2570A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet PU10207EJ01V0DS
3
2SC2570A
TYPICAL CHARACTERISTICS (TA = +25
°°°°C, unless otherwise specified)
Free Air
1 000
800
600
400
200
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
200
50
100
10
20
15
10
0.5
50
VCE = 10 V
VCE = 10 V
50
10
1
5
0.5
0.7
0.6
0.5
0.8
0.9
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VCE = 10 V
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
7
1
2
5
0.2
0.5
0.1
15 7 10
50
0.5
70
f = 1 MHz
Collector to Base Voltage VCB (V)
Emitter to Base Voltage VEB (V)
OUTPUT CAPACITANCE vs. COLLECTOR TO BASE VOLTAGE
INPUT CAPACITANCE vs. EMITTER TO BASE VOLTAGE
2
1
0.5
0.3
0.5
0.4
1
2
3
5
10
20 30
Cob
Cib



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com