Electronic Components Datasheet Search
  English  ▼

X  

2SC2570A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC2570A
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2570A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC2570A Datasheet HTML 2Page - Renesas Technology Corp 2SC2570A Datasheet HTML 3Page - Renesas Technology Corp 2SC2570A Datasheet HTML 4Page - Renesas Technology Corp 2SC2570A Datasheet HTML 5Page - Renesas Technology Corp 2SC2570A Datasheet HTML 6Page - Renesas Technology Corp 2SC2570A Datasheet HTML 7Page - Renesas Technology Corp 2SC2570A Datasheet HTML 8Page - Renesas Technology Corp 2SC2570A Datasheet HTML 9Page - Renesas Technology Corp 2SC2570A Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet PU10207EJ01V0DS
5
2SC2570A
SMITH CHART
VCE = 10 V
IC = 20 mA
ZO = 50
Ω
VCE = 10 V
IC = 5 mA
ZO = 50
Ω
0.18
0.17
0.16
0.15
0.14
0.13
0.12
0.11
0.10
0.09
0.08
0.07
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
50
60
70
80
90
100
110
120
130
0.1
0.2
0.3
0.4
50
3.0
4.0
5.0
10
20
0.2
0.4
0.6
0.8
0.2
0.4
0.6
0.8
1.0
RESISTANCE COMPONENT
R
Zo
NE
NT
1.5 GHz
1.5 GHZ
S22e
S11e
1.0
1.0
0.8
0.6
0.4
0.4
0.2
0.2
0.18
0.17
0.16
0.15
0.14
0.13
0.12
0.11
0.10
0.09
0.08
0.07
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
50
60
70
80
90
100
110
120
130
0.1
0.2
0.3
0.4
50
3.0
4.0
5.0
10
20
0.2
0.4
0.6
0.8
0.2
0.4
0.6
0.8
1.0
RESISTANCE COMPONENT
R
Zo
NE
NT
1.5 GHz
1.5 GHZ
S22e
S11e
1.0
1.0
0.8
0.2
0.4
0.6
0.4
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com