Electronic Components Datasheet Search
  English  ▼

X  

71M6533 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # 71M6533
Description  Exceeds IEC 62053/ANSI C12.20 Standards
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6533 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button 71M6533 Datasheet HTML 9Page - Maxim Integrated Products 71M6533 Datasheet HTML 10Page - Maxim Integrated Products 71M6533 Datasheet HTML 11Page - Maxim Integrated Products 71M6533 Datasheet HTML 12Page - Maxim Integrated Products 71M6533 Datasheet HTML 13Page - Maxim Integrated Products 71M6533 Datasheet HTML 14Page - Maxim Integrated Products 71M6533 Datasheet HTML 15Page - Maxim Integrated Products 71M6533 Datasheet HTML 16Page - Maxim Integrated Products 71M6533 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
13
CHOP_E[1:0] has four states: positive, reverse, and two toggle states. In the positive state, CHOP_E[1:0]
= 01, CROSS and CHOP_CLK are held low. In the reverse state, CHOP_E[1:0] = 10, CROSS and
CHOP_CLK are held high. In the first toggle state, CHOP_E [1:0] = 00, CROSS is automatically toggled
near the end of each multiplexer frame and an ALT frame is forced during the last multiplexer frame in each
SUM cycle. It is desirable that CROSS take on alternate values during each ALT frame. For this reason,
if CHOP_E[1:0] = 00, CROSS will not toggle at the end of the multiplexer frame immediately preceding the
ALT frame in each accumulation interval.
Figure 3: CROSS Signal with CHOP_E[1:0] = 00
Figure 3 shows CROSS over two accumulation intervals when CHOP_E[1:0] = 00. At the end of the
first interval, CROSS is low, at the end of the second interval, CROSS is high. The offset error for
the two temperature measurements taken during the ALT multiplexer frames will be averaged to zero.
Note that the number of multiplexer frames in an accumulation interval is always even. Operation
with CHOP_E[1:0] = 00 does not require control of the chopping mechanism by the MPU while eliminating
the offset for temperature measurement.
In the second toggle state, CHOP_E[1:0] = 11, no ALT frame is forced during the last multiplexer cycle in
an accumulation interval, and CROSS always toggles near the end of each multiplexer frame.
The internal bias voltage, VBIAS (typically 1.6 V), is used by the ADC as a reference when measuring the
temperature and battery monitor signals.
1.2.6 Temperature Sensor
The 71M6533 and 71M6534 include an on-chip temperature sensor implemented as a bandgap reference.
It is used to determine the die temperature. The MPU may request an alternate multiplexer cycle containing
the temperature sensor output by asserting MUX_ALT.
The primary use of the temperature data is to determine the magnitude of compensation required to offset
the thermal drift in the system (see Section 3.5 Temperature Compensation).
1.2.7 Battery Monitor
The battery voltage is measured by the ADC during alternative multiplexer frames if the BME (Battery
Measure Enable) bit in the I/O RAM is set. While BME is set, an on-chip 45 kΩ load resistor is applied to
the battery and a scaled fraction of the battery voltage is applied to the ADC input. After each alternative
MUX frame, the result of the ADC conversion is available at XRAM address 0x0B. BME is ignored and
assumed zero when system power is not available (V1 < VBIAS). See Section 6.4.5 for details regarding
the ADC LSB size and the conversion accuracy.
1.2.8 AFE Functional Description
The AFE functions as a data acquisition system, controlled by the MPU. The main signals (IA, VA, IB,
VB, etc.) are sampled and the ADC counts obtained are stored in XRAM where they can be accessed by
the CE and, if necessary, by the MPU. Alternate multiplexer cycles are initiated less frequently by the
MPU to gather access to the slow temperature and battery signals.
Figure 4 shows the block diagram of the AFE.
Multiplexerframes
Accumulationinterval n
Accumulationinterval n+1
2
4
3
25192520
1
2
4
3
25192520
1
Alternative MUX cycle
Multiplexerframes
Alternative MUX cycle
CROSS
CROSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com