Electronic Components Datasheet Search
  English  ▼

X  

71M6533 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # 71M6533
Description  Exceeds IEC 62053/ANSI C12.20 Standards
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6533 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button 71M6533 Datasheet HTML 45Page - Maxim Integrated Products 71M6533 Datasheet HTML 46Page - Maxim Integrated Products 71M6533 Datasheet HTML 47Page - Maxim Integrated Products 71M6533 Datasheet HTML 48Page - Maxim Integrated Products 71M6533 Datasheet HTML 49Page - Maxim Integrated Products 71M6533 Datasheet HTML 50Page - Maxim Integrated Products 71M6533 Datasheet HTML 51Page - Maxim Integrated Products 71M6533 Datasheet HTML 52Page - Maxim Integrated Products 71M6533 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
49
Figure 10: 3-wire Interface. Write Command, HiZ=0.
Figure 11: 3-wire Interface. Write Command, HiZ=1
Figure 12: 3-wire Interface. Read Command.
Figure 13: 3-Wire Interface. Write Command when CNT=0
Figure 14: 3-wire Interface. Write Command when HiZ=1 and WFR=1
SCLK (output)
BUSY (bit)
CNT Cycles (6 shown)
SDATA (output)
Write -- No HiZ
D2
D3
D4
D5
D6
D7
EECTRL Byte Written
INT5
SDATA output Z
(LoZ)
CNT Cycles (6 shown)
Write -- With HiZ
INT5
EECTRL Byte Written
SCLK (output)
BUSY (bit)
SDATA (output)
D2
D3
D4
D5
D6
D7
(HiZ)
(LoZ)
SDATA output Z
CNT Cycles (8 shown)
READ
D0
D1
D2
D3
D4
D5
INT5
D6
D7
EECTRL Byte Written
SCLK (output)
BUSY (bit)
SDATA (input)
SDATA output Z
(HiZ)
CNT Cycles (0 shown)
Write -- No HiZ
D7
INT5 not issued
CNT Cycles (0 shown)
Write -- HiZ
INT5 not issued
EECTRL Byte Written
EECTRL Byte Written
SCLK (output)
BUSY (bit)
SDATA (output)
SCLK (output)
BUSY (bit)
SDATA (output)
(HiZ)
SDATA output Z
SDATA output Z
(LoZ)
CNT Cycles (6 shown)
Write -- With HiZ and WFR
EECTRL Byte Written
SCLK (output)
BUSY (bit)
SDATA (out/in)
D2
D3
D4
D5
D6
D7
BUSY
READY
(From EEPROM)
INT5
(From 6520)
SDATA output Z
(HiZ)
(LoZ)
From 653X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com