Electronic Components Datasheet Search
  English  ▼

X  

MAX1298 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1298
Description  12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1298 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1298 Datasheet HTML 1Page - Maxim Integrated Products MAX1298 Datasheet HTML 2Page - Maxim Integrated Products MAX1298 Datasheet HTML 3Page - Maxim Integrated Products MAX1298 Datasheet HTML 4Page - Maxim Integrated Products MAX1298 Datasheet HTML 5Page - Maxim Integrated Products MAX1298 Datasheet HTML 6Page - Maxim Integrated Products MAX1298 Datasheet HTML 7Page - Maxim Integrated Products MAX1298 Datasheet HTML 8Page - Maxim Integrated Products MAX1298 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
12-Bit Serial-Output Temperature Sensors
with 5-Channel ADC
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 4.75V to 5.25V (MAX1298), VDD = +2.7V to 3.6V (MAX1299), external reference, VREF = +2.5V (MAX1298), VREF = +1.2V
(MAX1299), fSCLK = 2.5MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS
Input Voltage Low
VIL
0.8
V
Input Voltage High
VIH
VDD - 0.8
V
Input Hysteresis
VHYST
0.2
V
Input Leakage Current
IIN
1
µA
Input Capacitance
16
pF
DIGITAL OUTPUTS
V
Output Low Voltage
VOL
ISINK = 5mA
0.6
V
Output High Voltage
VOH
ISOURCE = 0.5mA
VDD - 0.6
V
Three-State Output Leakage
Current
IOUT
±10
µA
Three-State Output
Capacitance
15
pF
POWER REQUIREMENTS
MAX1298
4.75
5.25
Positive Supply Voltage
VDD
MAX1299
2.7
3.6
V
MAX1298
390
Full-on, voltage measurements,
internal reference
MAX1299
350
MAX1298
310
Full-on, voltage measurements,
external reference
MAX1299
280
MAX1298
440
500
Full-on, temperature measure-
ments, internal reference
MAX1299
400
500
MAX1298
360
Full-on, temperature measure-
ments, external reference
MAX1299
330
Standby, SCLK = GND
120
Standby-plus, SCLK = GND
190
Positive Supply Current (Note 6)
IDD
Shutdown, SCLK = GND
2
10
µA
Power-Supply Rejection Ratio
PSRR
(Note 7)
50
65
dB
INTERNAL VOLTAGE REFERENCE CHARACTERISTICS
VDD = 5V
MAX1298
2.494
2.50
2.506
Reference Voltage
VREF
VDD = 3V
MAX1299
1.197
1.20
1.203
V
Reference Tempco
TC VREF
±20
ppm/
°C
Output Short-Circuit Current
1.25
mA
Capacitive Bypass at REF
0.1
µF
MAX1298
130
REF Output Noise
fN = 10Hz to 10kHz
MAX1299
65
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com