Electronic Components Datasheet Search
  English  ▼

X  

MAX1298 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1298
Description  12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1298 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1298 Datasheet HTML 1Page - Maxim Integrated Products MAX1298 Datasheet HTML 2Page - Maxim Integrated Products MAX1298 Datasheet HTML 3Page - Maxim Integrated Products MAX1298 Datasheet HTML 4Page - Maxim Integrated Products MAX1298 Datasheet HTML 5Page - Maxim Integrated Products MAX1298 Datasheet HTML 6Page - Maxim Integrated Products MAX1298 Datasheet HTML 7Page - Maxim Integrated Products MAX1298 Datasheet HTML 8Page - Maxim Integrated Products MAX1298 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
12-Bit Serial-Output Temperature Sensors
with 5-Channel ADC
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS
(VDD = +4.75V to 5.25V (MAX1298), VDD = +2.7V to +3.6V (MAX1299), external reference, VREF = +2.5V (MAX1298), VREF = +1.2V
(MAX1299), fSCLK = 2.5MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Figures 4, 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Frequency
fSCLK
2.5
MHz
SCLK Pulse Width Low
tCL
200
ns
SCLK Pulse Width High
tCH
200
ns
CS Low to SCLK High
tCSS
100
ns
SCLK High to CS Setup
tCSH
100
ns
CS Pulse Width
tCS
100
ns
SCLK High to CS Low Setup
tCS0
50
ns
SCLK High to CS High Setup
tCS1
100
ns
DIN Setup to SCLK High Time
tDS
100
ns
DIN Hold Time
tDH
0ns
SCLK Fall to Output Data Valid
tDO
RL = 100k
Ω, CL = 50pF
150
ns
CS Fall to Output Enable
tDV
RL = 100k
Ω, CL = 50pF
150
ns
CS Rise to Output Disable
tTR
RL = 100k
Ω, CL = 50pF
50
ns
SSTRB Rise to SCLK Rise
tSCLK
0ns
SCLK Fall to SSTRB Fall
tSSTRB
200
ns
Note 1: Tested at VDD = +5.0V (MAX1298) and VDD = +3.0V (MAX1299).
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 3: Conversion time is defined as the number of clock cycles (64 for voltage measurements, 125 for temperature measure-
ments) multiplied by the internal clock period.
Note 4: Individual analog input voltages cannot extend beyond the power-supply rails.
Note 5: Input resistance is typically 250M
Ω; 5µA limit reflects limitations in production testing.
Note 6: Specifications for full-on status assume continuous conversions. Power modes are software selected (Table 4).
Note 7: Measured at VFS(+4.75V) - VFS(+5.25V) for the MAX1298 and at VFS(+2.7V) - VFS(+3.6V) for the MAX1299.
Note 8: External load should not change during conversions for specified accuracy.
Note 9: Excludes noise and self-heating effects. Output error for MAX129_C guaranteed by design.
Note 10: External temperature sensing over -40°C to +85°C range, device at +25°C. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com