Electronic Components Datasheet Search
  English  ▼

X  

AZ100LVEL16VT Datasheet(PDF) 3 Page - Arizona Microtek, Inc

Part # AZ100LVEL16VT
Description  PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL16VT Datasheet(HTML) 3 Page - Arizona Microtek, Inc

  AZ100LVEL16VT Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 8Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Arizona Microtek, Inc.
AZ100LVEL16VT
PECL/ECL Oscillator Gain Stage
& Buffer with Selectable Enable
www.azmicrotek.com
+1-480-962-5881
3
Request a Sample
May 2012, Rev 2.0
ENGINEERING NOTES
The AZ100LVEL16VT is a specialized oscillator gain stage with a high gain output buffer including an enable. The
QHG/Q
¯ HG outputs have a voltage gain several times greater than the Q
¯ output. When the EN
¯¯ input is LOW, the Q
¯ and
QHG/Q
¯ HG outputs follow the data inputs. When EN
¯¯ is HIGH, the QHG output is forced high and the Q
¯ HG output is forced
low.
For the AZ100LVEL16VTNA, both D and D
¯ inputs are brought out and tied to the VBB pin through 470Ω internal bias
resistors. In the AZ100LVEL16VTNB, the D
¯ input is internally tied directly to the VBB pin and the D input is tied to the
VBB pin through a 470Ω internal bias resistor. Bypassing VBB to ground with a 0.01 µF capacitor is recommended.
QHG
Q
D
EN
Q
QHG
Figure 3 -Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com