Electronic Components Datasheet Search
  English  ▼

X  

AZ100LVEL16VT Datasheet(PDF) 8 Page - Arizona Microtek, Inc

Part # AZ100LVEL16VT
Description  PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL16VT Datasheet(HTML) 8 Page - Arizona Microtek, Inc

  AZ100LVEL16VT Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 8Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Arizona Microtek, Inc.
AZ100LVEL16VT
PECL/ECL Oscillator Gain Stage
& Buffer with Selectable Enable
www.azmicrotek.com
+1-480-962-5881
8
Request a Sample
May 2012, Rev 2.0
Table 7 - AC Characteristics
AC Characteristics (VEE = -3.0V to -5.5V; VCC=GND or VEE=GND; VCC = +3.0V to +5.5V)
Symbol
Characteristic
-40
°C
0
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
tPLH/tPHL
Propagation Delay
D to Q/Q
¯
1
350
350
350
350
ps
D to QHG/Q
¯HG
2
450
450
450
450
ps
tSKEW
Duty Cycle Skew
3
5
20
5
20
5
20
5
20
ps
Vpp (AC)
Input Swing
4
Differential
80
1000
80
1000
80
1000
80
1000
mV
Single Ended
150
2000
150
2000
150
2000
150
2000
mV
tr/tf
Output Rise/Fall
1,2
(20%-80%)
100
240
100
240
100
240
100
240
ps
1.
Q
¯ output specified with 50
Ω termination to V
CC - 2V.
2.
QHG/Q
¯ HG terminated through 50Ω resistors to VCC - 2V.
3.
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
4.
The peak-to-peak input swing is the range for which AC parameters are guaranteed. D and D
¯ must remain within the range of ±
750 mV with respect to VBB. The device has a voltage gain of ≈ 20 to the Q
¯ outputs and a voltage gain of
≈ 100 to the Q
HG/Q
¯ HG
outputs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com