Electronic Components Datasheet Search
  English  ▼

X  

AZP54VG Datasheet(PDF) 5 Page - Arizona Microtek, Inc

Part # AZP54VG
Description  Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP54VG Datasheet(HTML) 5 Page - Arizona Microtek, Inc

  AZP54VG Datasheet HTML 1Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 2Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 3Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 4Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 5Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 6Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 7Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 8Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Arizona Microtek, Inc.
AZP54
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Divider
www.azmicrotek.com
+1-480-962-5881
5
Request a Sample
May 2012, Rev 2.1
DUAL SUPPLY LVPECL OUTPUT TERMINATION
The standard LVPECL loads are a pair of 50
Ω resistors connected between the outputs and V
DD-2.0V (Figure 4). The
resistors provide both the DC and the AC loads, assuming 50
Ω interconnect. If an additional supply is available within the
application, a four resistor termination configuration is possible (Figure 5).
VDD (+3.3 V)
Vbp
M1
M2
M3
M4
D
Vbn
M5
21.1mA
21.1mA
16mA
Q
Q
82
Ω
82
Ω
21.1mA - High
5.1mA - Low
External
Circuitry
Output
Stage
130
Ω
130
Ω
VDD (+3.3 V)
Figure 5 - Dual Supply Output Termination
THREE RESISTOR TERMINATION
Another termination variant eliminates the need for the additional supply (Figure 6). Alternately three resistors and
one capacitor accomplish the same termination and reduce power consumption.
VDD (+3.3 V)
Vbp
M1
M2
M3
M4
D
Vbn
M5
21.1mA
21.1mA
16mA
Q
Q
50
Ω
50
Ω
21.1mA - High
5.1mA - Low
External
Circuitry
Output
Stage
50
Ω
0.01µF
Figure 6 - Three Resistor Termination



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com