Electronic Components Datasheet Search
  English  ▼

X  

AZP54VG Datasheet(PDF) 8 Page - Arizona Microtek, Inc

Part # AZP54VG
Description  Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP54VG Datasheet(HTML) 8 Page - Arizona Microtek, Inc

  AZP54VG Datasheet HTML 1Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 2Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 3Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 4Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 5Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 6Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 7Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 8Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Arizona Microtek, Inc.
AZP54
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Divider
www.azmicrotek.com
+1-480-962-5881
8
Request a Sample
May 2012, Rev 2.1
Table 5 - DC Characteristics
DC Characteristics (VDD = 3.0V to 3.6V unless otherwise specified, TA = -40 to 85
°C)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1
-40 C
VDD = 3.3V
2.05
2.415
V
25 C
2.05
2.48
85 C
2.05
2.54
VOL
Output LOW Voltage
1
-40 C
VDD = 3.3V
1.365
1.615
V
25 C
1.43
1.68
85 C
1.49
1.74
IZ
Output Leakage
Current, Tri-state
2
EN=High
-10
10
μA
VIH
High Level Input
Voltage
EN
2
V
VIL
Low Level Input
Voltage
EN
0.8
V
IPD
Pull-down Current
EN
-2.2
μA
RBIAS
Bias Resistor
D Input to Internal VDD/2
Reference
10k
Ω
IDD
Power Supply Current
22
35
mA
IDDZ
Power Supply Current
D Input ≤ V
IL
8
mA
Outputs Tri-state
1
EN=High
1 Specified with outputs terminated through 50
Ω resistors to V
DD - 2V or Thevenin equivalent.
2 Measured at Q / Q pins.
Table 6 - AC Characteristics
AC Characteristics (VDD = 3.0V to 3.6V, TA = -40 to 85
°C)
Symbol
Characteristic
Min
Max
Unit
tr / tf
Output Rise/Fall
1,2
80
250
ps
(20% - 80%)
fMAX
Maximum Input Frequency - Sine wave
2
800
MHz
VINMAX
Maximum Recommended Input Signal
VDD
V p-p
VINMIN
Minimum Recommended Input Signal
0.2
V p-p
nP
Phase Noise
1,2 - 1MHz offset
-165
dBc/Hz
1 Specified with outputs terminated through 50
Ω resistors to V
CC - 2V or Thevenin equivalent.
2 1.5 v p-p sine wave input, AC coupled to D pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com