Electronic Components Datasheet Search
  English  ▼

X  

IL201 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL201
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL201 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL201 Datasheet HTML 1Page - Siemens Semiconductor Group IL201 Datasheet HTML 2Page - Siemens Semiconductor Group IL201 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–1
FEATURES
• High Current Transfer Ratio, 75% to 450%
• Minimum Current Transfer Ratio, 10%
• Guaranteed at IF=1mA
• High Collector-Emitter Voltage, BVCEO=70V
• Long Term Stability
• Industry Standard DIP Package
• Underwriters Lab File #E52744
• VDE 0884 Available with Option 1
DESCRIPTION
The IL201/202/203 are optically coupled pairs
employing a Gallium Arsenide infrared LED and a
Silicon NPN phototransistor. Signal information,
including a DC level, can be transmitted by the
device while maintaining a high degree of electrical
isolation between input and output. The IL201/202/
203 can be used to replace relays and transformers
in many digital interface applications, as well as
analog applications such as CRT modulation.
Maximum Ratings
Emitter
Peak Reverse Voltage........................................ 6 V
Continuous Forward Current......................... 60 mA
Power Dissipation at 25
°C ......................... 100 mW
Derate Linearly from 25
°C ................... 1.33 mW/°C
Detector
Collector-Emitter Breakdown Voltage,
BVCEO........................................................... 70 V
Emitter-Collector Breakdown Voltage,
BVECO............................................................. 7 V
Collector-Base Breakdown Voltage,
BVCBO ......................................................... 70 V
Power Dissipation ..................................... 200 mW
Derate Linearly from 25
°C ..................... 2.6 mW/°C
Package
Isolation Test Voltage (t=1 sec.) .......5300 VACRMS
Total Package Dissipation at 25
°C A
(LED + Detector) .................................... 250 mW
Derate Linearly from 25
°C ..................... 3.3 mW/°C
Creepage.................................................7 min mm
Clearance ................................................7 min mm
Storage Temperature .................. –55
°C to +150°C
Operating Temperature ............... –55
°C to +100°C
Lead Soldering Time at 260
°C ....................10 sec.
Characteristics (0
°C to 70°C unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Emitter
Forward Voltage
VF
1.2
1.5
V
IF=20 mA
Forward Voltage
VF
1.0
1.2
V
IF=1 mA
Breakdown Voltage
VF
620
V
IR=10 µA
Reverse Current
IR
0.1
10
µAV
R=6 V
TA=25°C
Detector
HFE
100
200
VCE=5 V
IC=100 µA
BVCEO
70
V
IC=100 µA
BVECO
710
V
IE=100 µA
BVCBO
70
90
V
IC=10 µA
ICEO
550
nA
VCE=10 V,
TA=25°C
Package
Base Current Transfer
Ratio
CTRCB
0.15
%
IF=10 mA
VCB=10 V
VCEsat
0.4
V
IF=10 mA
IC=2 mA
DC Current Transfer Ratio
IL201
IL202
IL203
CTR
CTR
CTR
75
125
225
100
200
300
150
250
450
%
%
%
IF=10 mA,
VCE=10 V
DC Current Transfer Ratio
IL201
IL202
IL203
CTR
CTR
CTR
10
30
50
%
%
%
IF=1 mA,
VCE=10 V
Dimensions in inches (mm)
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID
6
5
4
1
2
3
18
° typ.
.300 (7.62)
.347 (8.82)
4
°
typ.
1
2
3
6
5
4
Base
Collector
Emitter
Anode
Cathode
NC
IL201/IL202/IL203
PHOTOTRANSISTOR
OPTOCOUPLER


Similar Part No. - IL201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL201 VISHAY-IL201 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
08-May-08
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
IL2010BD INTEGRAL-IL2010BD Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
IL2010BN INTEGRAL-IL2010BN Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
More results

Similar Description - IL201

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
MCT271 QT-MCT271 Datasheet
455Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
Phototransistor Optocoupler
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
09-Aug-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com