Electronic Components Datasheet Search
  English  ▼

X  

IL201 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # IL201
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL201 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  IL201 Datasheet HTML 1Page - Siemens Semiconductor Group IL201 Datasheet HTML 2Page - Siemens Semiconductor Group IL201 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
IL201/202/203
Figure 12. Propagation delay versus collector load
resistor
Figure 13. Normalized non-saturated and saturated
CTRce versus LED current
Figure 14. Normalized non-saturated HFE versus
base current and temperature
100
10
1
.1
1
10
100
1000
1.0
1.5
2.0
2.5
RL - Collector Load Resistor - K
Ω
tpLH
tpHL
Ta = 25
°C, IF = 10mA
Vcc = 5 V, Vth = 1.5 V
.1
1
10
100
0.0
0.5
1.0
1.5
2.0
Vce = .4 V
Vce = 5 V
IF - LED Current - mA
Ta = 25
°C
Vce = 5 V
IF = 1 mA
Normalized to:
1
10
100
1000
0.4
0.6
0.8
1.0
1.2
Ib - Base Current -
µA
Ib = 20
µA
Vce = 10 V
Ta = 25
°C
-20
°C
25
°C
50
°C
70
°C
Normalized to:
Figure 9. Collector base photocurrent versus LED
current
Figure 10. Normalized photocurrent versus If
and temperature
Figure 11. Normalized saturated HFE versus base
current and temperature
100
10
1
.1
.01
.1
1
10
100
1000
g
IF - LED Current - mA
Icb = 1.0357 *IF ^1.3631
Ta = 25
°C
100
10
1
.1
.01
.1
1
10
NIB-Ta= 20
°C
NIb,Ta=25
°C
NIb,Ta=50
°C
NIb,Ta=70
°C
If -LED C urrent - mA
Normalized to:
If = 10ma, Ta = 25
°C
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
25
°C
50
°C
70
°C
Ib - Base Current -
µA
Normalized to:
Ib = 20
µA
Vce = 10 V
Ta = 25
°C
Vce = 0.4 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com