Electronic Components Datasheet Search
  English  ▼

X  

MAX11101 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11101
Description  14-Bit, 5V, 200ksps ADC with 10μA Shutdown
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11101 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11101 Datasheet HTML 7Page - Maxim Integrated Products MAX11101 Datasheet HTML 8Page - Maxim Integrated Products MAX11101 Datasheet HTML 9Page - Maxim Integrated Products MAX11101 Datasheet HTML 10Page - Maxim Integrated Products MAX11101 Datasheet HTML 11Page - Maxim Integrated Products MAX11101 Datasheet HTML 12Page - Maxim Integrated Products MAX11101 Datasheet HTML 13Page - Maxim Integrated Products MAX11101 Datasheet HTML 14Page - Maxim Integrated Products MAX11101 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
MAX11101
14-Bit, +5V, 200ksps ADC with 10µA Shutdown
A CS falling edge initiates an acquisition sequence. The
analog input is stored in the capacitive DAC, DOUT
changes from high impedance to logic-low, and the ADC
begins to convert after the sixth clock cycle. SCLK drives
the conversion process and shifts out the conversion
result on DOUT.
SCLK begins shifting out the data (MSB first) after the fall-
ing edge of the 8th SCLK pulse. Twenty-four falling clock
edges are needed to shift out the eight leading zeros, 14
data bits, and 2 sub-bits (S1 and S0). Extra clock pulses
occurring after the conversion result has been clocked
out, and prior to the rising edge of CS, produce trail-
ing zeros at DOUT and have no effect on the converter
operation.
Force CS high after reading the conversion’s LSB to
reset the internal registers and place the MAX11101 in
shutdown. For maximum throughput, force CS low again
to initiate the next conversion immediately after the speci-
fied minimum time (tCSW).
Note: Forcing CS high in the middle of a conversion
immediately aborts the conversion and places the
MAX11101 in shutdown.
Figure 6. External Timing Diagram
Figure 7. Shutdown Sequence
CS
SCLK
20
16
24
12
14
8
6
DOUT
D13 D12 D11 D10
D9
D8
D7
S1
S0
D6
D3
D2
D1
D0
D5
D4
tCSH
tTR
tDO
tACQ
tCSS
tCH
tCL
tDN
COMPLETE CONVERSION SEQUENCE
CONVERSION 0
CONVERSION 1
POWERED UP
POWERED UP
POWERED DOWN
DOUT
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com