Electronic Components Datasheet Search
  English  ▼

X  

MAX11101 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11101
Description  14-Bit, 5V, 200ksps ADC with 10μA Shutdown
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11101 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11101 Datasheet HTML 9Page - Maxim Integrated Products MAX11101 Datasheet HTML 10Page - Maxim Integrated Products MAX11101 Datasheet HTML 11Page - Maxim Integrated Products MAX11101 Datasheet HTML 12Page - Maxim Integrated Products MAX11101 Datasheet HTML 13Page - Maxim Integrated Products MAX11101 Datasheet HTML 14Page - Maxim Integrated Products MAX11101 Datasheet HTML 15Page - Maxim Integrated Products MAX11101 Datasheet HTML 16Page - Maxim Integrated Products MAX11101 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
���������������������������������������������������������������� Maxim Integrated Products 13
MAX11101
14-Bit, +5V, 200ksps ADC with 10µA Shutdown
Figure 9. Change Multiplexer Input Near Beginning of Conversion to Allow Time for Slewing and Settling
Serial Interfaces
The MAX11101’s interface is fully compatible with SPI,
QSPI, and MICROWIRE standard serial interfaces.
If a serial interface is available, establish the CPU’s
serial interface as master, so that the CPU generates the
serial clock for the MAX11101. Select a clock frequency
between 100kHz and 4.8MHz:
1) Use a general-purpose I/O line on the CPU to pull CS
low.
2) Activate SCLK for a minimum of 24 clock cycles. The
serial data stream of eight leading zeros followed by
the MSB of the conversion result begins at the fall-
ing edge of CS. DOUT transitions on SCLK’s falling
edge and the output is available in MSB-first format.
Observe the SCLK to DOUT valid timing characteris-
tic. Clock data into the FP on SCLK’s rising edge.
3) Pull CS high at or after the 24th falling clock edge. If
CS remains low, trailing zeros are clocked out after
the 2 sub-bits, S1 and S0.
4) With CS high, wait at least 50ns (tCSW) before starting a
new conversion by pulling CS low. A conversion can be
aborted by pulling CS high before the conversion ends.
Wait at least 50ns before starting a new conversion.
Data can be output in three 8-bit sequences or continu-
ously. The bytes contain the results of the conversion pad-
ded with eight leading zeros before the MSB. If the serial
clock has not been idled after the sub-bits (S1 and S0) and
CS has been kept low, DOUT sends trailing zeros.
A0
A1
CLK
CHANGE MUX INPUT HERE
CONVERSION
IN1
A0
A1
IN2
IN3
IN4
OUT
ACQUISITION
4-TO-1
MUX
AIN
CS
MAX11101
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com