Electronic Components Datasheet Search
  English  ▼

X  

MAX11663 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11663
Description  500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11663 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11663 Datasheet HTML 1Page - Maxim Integrated Products MAX11663 Datasheet HTML 2Page - Maxim Integrated Products MAX11663 Datasheet HTML 3Page - Maxim Integrated Products MAX11663 Datasheet HTML 4Page - Maxim Integrated Products MAX11663 Datasheet HTML 5Page - Maxim Integrated Products MAX11663 Datasheet HTML 6Page - Maxim Integrated Products MAX11663 Datasheet HTML 7Page - Maxim Integrated Products MAX11663 Datasheet HTML 8Page - Maxim Integrated Products MAX11663 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
500ksps, Low-Power,
Serial 12-/10-/8-Bit ADCs
General Description
The MAX11661−MAX11666 are 12-/10-/8-bit, compact,
low-power, successive approximation analog-to-digital
converters (ADCs). These high-performance ADCs include
a high-dynamic range sample-and-hold and a high-speed
serial interface. These ADCs accept a full-scale input from
0V to the power supply or to the reference voltage.
The MAX11662/MAX11664/MAX11666 feature dual, sin-
gle-ended analog inputs connected to the ADC core
using a 2:1 MUX. The devices also include a separate
supply input for data interface and a dedicated input
for reference voltage. In contrast, the single-channel
devices generate the reference voltage internally from
the power supply.
These ADCs operate from a 2.2V to 3.6V supply and
consume only 3.3mW. The devices include full power-
down mode and fast wake-up for optimal power man-
agement and a high-speed 3-wire serial interface. The
3-wire serial interface directly connects to SPI, QSPIK,
and MICROWIRE® devices without external logic.
Excellent dynamic performance, low voltage, low power,
ease of use, and small package size make these con-
verters ideal for portable battery-powered data-acquisi-
tion applications, and for other applications that demand
low-power consumption and minimal space.
These ADCs are available in a 10-pin FMAX® package,
and a 6-pin SOT23 package. These devices operate
over the -40NC to +125NC temperature range.
Features
S
500ksps Conversion Rate, No Pipeline Delay
S
12-/10-/8-Bit Resolution
S
1-/2-Channel, Single-Ended Analog Inputs
S
Low-Noise 73dB SNR
S
Variable I/O: 1.5V to 3.6V (Dual-Channel Only)
Allows the Serial Interface to Connect Directly
to 1.5V, 1.8V, 2.5V, or 3V Digital Systems
S
2.2V to 3.6V Supply Voltage
S
Low Power
3.3mW
Very Low Power Consumption at 8µA/ksps
S
External Reference Input (Dual-Channel Devices Only)
S
1.3µA Power-Down Current
S
SPI-/QSPI-/MICROWIRE-Compatible Serial
Interface
S
10-Pin, 3mm x 5mm µMAX Package
S
6-Pin, 2.8mm x 2.9mm SOT23 Package
S
Wide -40NC to +125NC Operation
Applications
Data Acquisition
Portable Data Logging
Medical Instrumentation
Battery-Operated Systems
Communication Systems
Automotive Systems
19-5530; Rev 5; 4/12
Note: All devices are specified over the -40°C to +125°C operating temperature range.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
/V denotes an automotive qualified part.
Ordering Information
QSPI is a trademark of Motorola, Inc.
MICROWIRE is a registered trademark of National Semiconductor Corp.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
EVALUATION
KIT
AVAILABLE
PART
PIN-PACKAGE
BITS
NO. OF CHANNELS
MAX11661AUT+
6 SOT23
8
1
MAX11662AUB+
10 FMAX-EP*
8
2
MAX11663AUT+
6 SOT23
10
1
MAX11664AUB+
10 FMAX-EP*
10
2
MAX11665AUT+
6 SOT23
12
1
MAX11666AUB+
10 FMAX-EP*
12
2
MAX11666AUB/V+
10 FMAX-EP*
12
2


Similar Part No. - MAX11663

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11663 MAXIM-MAX11663 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11663AUT MAXIM-MAX11663AUT Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs Low-Noise 73dB SNR
Rev 2; 6/11
MAX11663AUT+ MAXIM-MAX11663AUT+ Datasheet
1Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
More results

Similar Description - MAX11663

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102 Datasheet
2Mb / 25P
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661 MAXIM-MAX11661_11 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs Low-Noise 73dB SNR
Rev 2; 6/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com